전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK11C88-N20 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 STK11C88-N20
상세설명  32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STK11C88-N20 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  STK11C88-N20 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C88-N20 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STK11C88
July 1999
5-4
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V + 10%)
b
Note j:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note k:
E or W must be
≥ V
IH during address transitions.
SRAM WRITE CYCLE #1: W Controlledk
SRAM WRITE CYCLE #2: E Controlledk
NO.
SYMBOLS
PARAMETER
STK11C88-20
STK11C88-25
STK11C88-35
STK11C88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
20
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
15
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
15
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
8
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
15
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
0
ns
20
tWLQZ
i, j
tWZ
Write Enable to Output Disable
7
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
17
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
15
tDVEH
19
tEHAX
16
tEHDX


유사한 부품 번호 - STK11C88-N20

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK11C88-NF25 SIMTEK-STK11C88-NF25 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25 SIMTEK-STK11C88-NF25 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-NF25 CYPRESS-STK11C88-NF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-NF25I SIMTEK-STK11C88-NF25I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25I SIMTEK-STK11C88-NF25I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

유사한 설명 - STK11C88-N20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com