전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APHBM2012LQBDSURKC 데이터시트(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

부품명 APHBM2012LQBDSURKC
상세설명  2.0 x 1.25 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
홈페이지  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APHBM2012LQBDSURKC 데이터시트(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APHBM2012LQBDSURKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO5242 / 1203015224 Rev No: V.3A Date: 07/06/2017
Page 1 / 4
DESCRIPTIONS
The Blue source color devices are made with InGaN
Light Emitting Diode
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
2.0 mm x 1.25 mm SMD LED, 0.45 mm max. thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 2mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APHBM2012LQBDSURKC
Blue (InGaN)
Water Clear
6
12
120
°
*6
*12
10
20
*2
*10
Hyper Red (AlGaInP)
APHBM2012LQBDSURKC
2.0 x 1.25 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


유사한 부품 번호 - APHBM2012LQBDSURKC

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
More results

유사한 설명 - APHBM2012LQBDSURKC

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
   2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LVBC-D TO-GRACE-APTD2012LVBC-D Datasheet
917Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com