전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5441BEUA 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX5441BEUA
상세설명  MAX544X Evaluation Kit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5441BEUA 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX5441BEUA Datasheet HTML 1Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 2Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 3Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 4Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 5Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 6Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX5441BEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX544X.EXE
Application program
USBConverterDLL.DLL
Application library
UNINSTALL.EXE
Uninstalls the EV kit software
_________________________________________________________________ Maxim Integrated Products 3
MAX544X Evaluation Kit
Evaluates: MAX5441–MAX5444
Quick Start
Required Equipment
• MAX544XEVkit
• MAX544XEVkitCD
• User-supplied Windows XP, Windows Vista, or
Windows 7 PC with a spare USB port
• Voltmeter
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Caution: Do not turn on
the power supply until all connections are completed.
1) Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software, 544XRxx.ZIP.
Save the EV kit software to a temporary folder and
uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the temporary
folder. The program files are copied to your PC and
icons are created in the Windows Start | Programs
menu. During software installation, some versions of
Windows may show a warning message indicating
that this software is from an unknown publisher. This
is not an error condition and it is safe to proceed with
installation.
3) Verify that all jumpers are in their default positions, as
shown in Table 2.
4) Connect the USB cable from the PC to the EV kit
board; the USB driver is installed automatically.
5) Connect the positive input of the voltmeter to the
BUF_OUT1 connector. Connect the negative input of
the voltmeter to the GND connector.
6) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software main
window appears, as shown in Figure 1.
7) The main window should display Hardware Connected
in bottom-left corner.
8) In the MAX5441 group box, enter FFFF in the DIN
Register edit box and press the Enter button.
9) The voltmeter should show a voltage value of approxi-
mately +2.5V.
10) Connect the positive input of the voltmeter to the
BUF_OUT2 connector.
11) In the MAX5442 group box, enter FFFF in the DIN
Register edit box and press the Enter button.
12) The voltmeter should show a voltage value of approx-
imately +2.5V.
Note: Indicate the specific Maxim part number you are using when contacting these component suppliers.
Component Suppliers
MAX544X EV Kit Files


유사한 부품 번호 - MAX5441BEUA

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5441BEUA MAXIM-MAX5441BEUA Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441BEUA++ MAXIM-MAX5441BEUA+ Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results

유사한 설명 - MAX5441BEUA

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com