전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX6581EVKIT 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 MAX6581EVKIT
상세설명  MAX6581 Evaluation Kit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6581EVKIT 데이터시트(HTML) 5 Page - Maxim Integrated Products

  MAX6581EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX6581EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Maxim Integrated
Evaluates: MAX6581
MAX6581 Evaluation Kit
Configuration, ALERT Mask, and
OVERT Mask Registers
The configuration register controls the standby-mode bit,
the power-on-reset bit, the SMBus timeout enable bit,
and the extended-range enable bit. The ALERT mask
register enables or disables the ALERT interrupt out-
put. The OVERT mask register enables or disables the
OVERT interrupt output.
Figure 2 shows the checkboxes for the configuration reg-
ister. Each checkbox corresponds to a bit in the register.
Tables 2, 3, and 4 describe the function for each check-
box in the Configuration tab's group boxes.
Read the register by pressing the Read button. Change
the register by selecting or deselecting the desired func-
tions and pressing the Write button.
Status Register Functions
The Alert High Status (0x44), OVERT Status (0x45),
Diode Fault Status (0x46), and Alert Low Status
(0x47) group boxes monitor the four status registers and
display the critical and fault conditions that occur. See
Tables 5–8 for a list of the status conditions.
Read the status of each register by pressing the Read
Status button within each group box.
The Alert High Status (0x44) group box indicates
whether a measured local or remote temperature has
exceeded the associated threshold limit set in an ALERT
High Limit register.
The OVERT Status (0x45) group box indicates whether
a measured temperature has exceeded the associated
threshold limit set in an OVERT High Limit register.
Figure 2. MAX6581 EV Kit Software Main Window (Configuration Tab)


유사한 부품 번호 - MAX6581EVKIT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581 Datasheet
1Mb / 24P
   ±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX6581TG98++ MAXIM-MAX6581TG98+ Datasheet
1Mb / 24P
   ±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX6581TG98++ MAXIM-MAX6581TG98+ Datasheet
1Mb / 27P
   짹1째C Accurate 8-Channel Temperature Sensor
2021
MAX6581TG9A++ MAXIM-MAX6581TG9A+ Datasheet
1Mb / 24P
   ±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX6581TG9A++ MAXIM-MAX6581TG9A+ Datasheet
1Mb / 27P
   짹1째C Accurate 8-Channel Temperature Sensor
2021
More results

유사한 설명 - MAX6581EVKIT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com