전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK11C88-S45 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 STK11C88-S45
상세설명  32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STK11C88-S45 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

  STK11C88-S45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C88-S45 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STK11C88
July 1999
5-9
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
20 = 20ns (Commercial only)
25 = 25ns
35 = 35ns
45 = 45ns
Package
W = Plastic 28-pin 600 mil DIP
P = Plastic 28-pin 300 mil DIP
S = Plastic 28-pin 350 mil SOIC
N = Plastic 28-pin 300 mil SOIC
- W 25 I
STK11C88


유사한 부품 번호 - STK11C88-S45

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK11C88-SF25 SIMTEK-STK11C88-SF25 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25 SIMTEK-STK11C88-SF25 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-SF25 CYPRESS-STK11C88-SF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

유사한 설명 - STK11C88-S45

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com