전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD5F1GQ4REFIG 데이터시트(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD5F1GQ4REFIG
상세설명  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIG 데이터시트(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
41
17 DC CHARACTERISTIC
(T= -40℃~105℃, VCC=1.7~2.0V/2.7~3.6V)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Unit.
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1
Standby Current
CS#=VCC,
VIN=VCC or VSS
90(1)
μA
ICC2
Operating Current (Read)
CLK=0.1VCC /
0.9VCC
at 108MHz,
Q=Open(*1,*2,*4 I/O)
40
mA
CLK=0.1VCC /
0.9VCC
at 80MHz,
Q=Open(*1,*2,*4 I/O)
30
mA
ICC3
Operation Current (PP)
CS#=VCC
40
mA
ICC4
Operation Current (BE)
CS#=VCC
40
mA
VIL
Input Low Voltage
0.2VCC
V
VIH
Input High Voltage
0.7VCC
V
VOL
Output Low Voltage
IOL =1.6mA
0.4
V
VOH
Output High Voltage
IOH =-
100μA
VCC-0.2
V
Note: 1. When Temperature is 105℃, the maximum standby current is 200uA


유사한 부품 번호 - GD5F1GQ4REFIG

제조업체부품명데이터시트상세설명
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

유사한 설명 - GD5F1GQ4REFIG

제조업체부품명데이터시트상세설명
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com