전자부품 데이터시트 검색엔진 |
|
IRF1010EZ 데이터시트(PDF) 3 Page - International Rectifier |
|
IRF1010EZ 데이터시트(HTML) 3 Page - International Rectifier |
3 / 12 page IRF1010EZ/S/LPbF www.irf.com 3 Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics Fig 4. Typical Forward Transconductance vs. Drain Current 0.01 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 20µs PULSE WIDTH Tj = 175°C 4.5V VGS TOP 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V 4 5 6 7 8 9 10 VGS, Gate-to-Source Voltage (V) 0.1 1 10 100 1000 TJ = 25°C TJ = 175°C 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 10000 VGS TOP 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V 20µs PULSE WIDTH Tj = 25°C 4.5V 0 20 40 60 80 100 120 140 ID,Drain-to-Source Current (A) 0 10 20 30 40 50 60 70 80 90 100 TJ = 25°C TJ = 175°C |
유사한 부품 번호 - IRF1010EZ |
|
유사한 설명 - IRF1010EZ |