전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7400AKSTZ-80 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADV7400AKSTZ-80
상세설명  10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7400AKSTZ-80 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADV7400AKSTZ-80 Datasheet HTML 5Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 6Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 7Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 8Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 9Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 10Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 11Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 12Page - Analog Devices ADV7400AKSTZ-80 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADV7400A
Rev. A | Page 9 of 16
Pin No.
Mnemonic
Type
Description
3
INT
O
Interrupt Pin. This pin can be programmed active low or active high. When SDP/CP
status bits change, this pin triggers an interrupt. The set of events which triggers an
interrupt can be modified via I2C registers.
4
HS/CS
O
Horizontal Synchronization/Composite Synchronization. HS is a horizontal
synchronization output signal in SDP and CP modes. CS is a digital composite
synchronization signal that can be selected while in CP mode.
99
VS
O
Vertical Synchronization. Vertical synchronization output signal in SDP and CP
modes.
98
FIELD/DE
O
Field Synchronization/Data Enable. Field synchronization output signal in all
interlaced video modes. This pin also can be enabled as a data enable signal in CP
mode to allow direct connection to a HDMI/DVI Tx IC.
81, 19
SDA1, SDA2
I/O
I2C Port Serial Data Input/Output Pin. SDA1 is the data line for the control port and
SDA2 is the data line for the VBI readback port.
82, 16
SCLK1, SCLK2
I
I2C Port Serial Clock Input (max clock rate of 400 kHz). SCLK1 is the clock line for the
control port, and SCLK2 is the clock line for the VBI data readback port.
80
ALSB
I
This pin selects the I2C address for the ADV7400A control and VBI readback ports.
When set to a Logic 0, ALSB sets the address for a write to control port of 0x40 and
the readback address for the VBI port of 0x21. When set to a Logic 1, ALSB sets the
address for a write to the control port of 0x42 and the readback address for the VBI
port of 0x23.
78
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required
to reset the ADV7400A circuitry.
36
LLC1
O
Line-locked output clock for the pixel data output by the ADV7400A (the range is
13.5 MHz to 110 MHz for the ADV7400AKSTZ-110; 13.5 MHz to 80 MHz for the
ADV7400AKSTZ-80).
38
XTAL
I
Input pin for 27 MHz crystal, or it can be overdriven by an external 3.3 V 27 MHz clock
oscillator source to clock the ADV7400A.
37
XTAL1
O
This pin should be connected to the 27 MHz crystal or left as a no connect if an
external 3.3 V, 27 MHz clock oscillator source is used to clock the ADV7400A. In
crystal mode the crystal must be a fundamental crystal.
46
ELPF
O
The recommend external loop filter must be connected to this ELPF pin.
15
SFL/SYNC_OUT
O
SFL (Subcarrier Frequency Lock). This pin contains a serial output stream that can be
used to lock the subcarrier frequency when this decoder is connected to any Analog
Devices digital video encoder.
SYNC_OUT is the sliced sync output signal available only in CP mode.
64
REFOUT
O
Internal Voltage Reference Output.
65
CML
O
Common-Mode Level Pin for the Internal ADCs.
61, 62
CAPY1 to CAPY2
I
ADC Capacitor Network.
68, 69
CAPC1 to CAPC2
I
ADC Capacitor Network.
67
BIAS
O
External Bias Setting Pin. Connect the recommended resistor between this pin and
ground.
86
HS_IN/CS_IN
I
Can be configured in CP mode to be either a digital HS input signal or a digital CS
input signal, which are used to extract timing in 5-wire or 4-wire RGB mode.
85
VS_IN
I
VS Input Signal. Used in CP mode for 5-wire timing mode.
79
DE_IN
I
Data Enable Input Signal. Used in 24-bit digital input port mode, for example, 24-bit
RGB data from a DVI Rx IC.
59
NC
NC
No Connect Pin. This pin can be tied to AGND or AVDD.
35
DCLK_IN
I
Clock Input Signal. Used in 24-bit digital input mode and also in digital CVBS input
mode.
52
SOG
I
Sync On Green Input Pin. Used in embedded sync mode.
77
SOY
I
Sync On Luma Input Pin. Used in embedded sync mode.


유사한 부품 번호 - ADV7400AKSTZ-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-110 AD-ADV7400KST-110 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-140 AD-ADV7400KST-140 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400KST-80 AD-ADV7400KST-80 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
More results

유사한 설명 - ADV7400AKSTZ-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com