전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD3761-XX 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 LSD3761-XX
상세설명  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3761-XX 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  LSD3761-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3761-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 8.7”
85
50
14
8.5
595
Yellow
AlInGaP
LSD80068-XX
85
50
12
7.5
660
Super Red
GaAlAs
C.A.
LSD80067-XX
85
50
14
8.5
595
Yellow
AlInGaP
LSD80058-XX
C.C
85
50
12
7.5
660
Super Red
GaAlAs
LSD80057-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 12.0”
3,400
2,600
33
28.5
660
Ultra Red
GaAlAs
C.A.
LSD12001SRA
2,000
1,600
33
28.5
660
Super Red
GaAlAs
LSD12001SRA
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
Notes: Display face and segment colours are denoted in the suffix xx
Reflector Surface
Segment Colour
0 Original
0 White Diffused
1 Black
1 Red Diffused
2 Grey
2 Green Diffused
3 Red
3 Yellow Diffused
4 Orange
4 Orange Diffused
Low current options are available add suffix T2
Additional colours and multi-colour versionsmay also be specified. M.O.Q.’s may apply
See additional data sheet for multi-digit types
Specifications may be subject to change without notice
96.0
220.0
(8.7")
270.0
(10.6")
156.0
(6.14")
37.0
(1.45")


유사한 부품 번호 - LSD3761-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-65F-XX-PF LIGITEK-LSD375-65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/61-XX-PF LIGITEK-LSD375/61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/65F-XX-PF LIGITEK-LSD375/65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
More results

유사한 설명 - LSD3761-XX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com