전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD3753-XX 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 LSD3753-XX
상세설명  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3753-XX 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  LSD3753-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3753-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 1.5”
10
6
2.8
1.7
585
Yellow
GaAsP/GaP
LSD15063-XX
18
10
2.8
1.7
660
Red
GaAlAs
LSD15065-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD15064-XX
8
5
2.8
1.7
565
Green
GaP
LSD15062-XX
2.5
1.5
2.8
1.7
697
Red
GaP
C.A
LSD15061-XX
10
6
2.8
1.7
585
Yellow
GaAsP/GaP
LSD15053-XX
18
10
2.4
1.5
660
Super Red
GaAlAs
LSD15055-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD15054-XX
8
5
2.8
1.7
565
Green
GaP
C.C
LSD15052-XX
2.5
1.5
2.8
1.7
697
Red
GaP
LSD15051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 1.8”
15
9
2.8
1.7
585
Yellow
GaAsP/GaP
LSD18063-XX
20
12
2.8
1.7
660
Red
GaAlAs
LSD18065-XX
15
9
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD18064-XX
12
7
2.8
1.7
565
Green
GaP
LSD18062-XX
4
2.5
2.8
1.7
697
Red
GaP
C.A
LSD18061-XX
15
9
2.8
1.7
585
Yellow
GaAsP/GaP
LSD18053-XX
20
12
2.4
1.5
660
Super Red
GaAlAs
LSD18055-XX
15
9
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD18054-XX
12
7
2.8
1.7
565
Green
GaP
C.C
LSD18052-XX
4
2.5
2.8
1.7
697
Red
GaP
LSD18051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 2.3”
18
10
2.8
1.7
585
Yellow
GaAsP/GaP
LSD23263-XX
30
18
2.8
1.7
660
Red
GaAlAs
LSD23265-XX
18
10
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD23264-XX
18
10
2.8
1.7
565
Green
GaP
LSD23262-XX
8
4.8
2.8
1.7
697
Red
GaP
C.A
LSD23261-XX
18
10
2.8
1.7
585
Yellow
GaAsP/GaP
LSD23253-XX
30
18
2.4
1.5
660
Super Red
GaAlAs
LSD23255-XX
18
10
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD23254-XX
18
10
2.8
1.7
565
Green
GaP
C.C
LSD23252-XX
8
4.8
2.8
1.7
697
Red
GaP
LSD23251-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
A
A
B
B
C
C
D
D
E
E
F
F
G
G
DP
DP
LSD1505X-XX
1
5
1
5
7
6
4
3
2
9
10
8
7
6
4
3
2
9
10
8
LSD1506X-XX
33.0
(1.3")
38.1
(1.5")
47.0
(1.85")
41.0
(1.61")
12.5
(0.5")
1.0(0.04")
3.5MIN(0.14")
LSD150XX-XX
LIGITEK
2.54X4=
(0.4")
0.6
TYP.
10.16
PIN NO.1
4.4(0.17")
0.6
TYP.
LSD180XX-XX
LIGITEK
3.5MIN(0.14")
2.54X4=
10.16(0.4")
56.0
(2.2")
45.0
(1.8")
38.0
(1.5")
48.6
(1.9"
11.0
(0.43")
4.0
PIN
NO.1
1
1
7
6
43
29
10
8
A
BC
D
EF
GDP
5
5
LSD1805X-XX
LSD1806X-XX
AB
C
D
E
F
G
DP
7
64
3
2
9
10
8
E
D
C
B
A
DP F
G
E
D
C
B
A
DP F
G
LSD2325X-XX
1
5
1
5
LSD2326X-XX
2
3
4
6
7
8
9
10
2
3
4
6
7
8
9
10
3.5(0.14")MIN
10.16
(0.4")
10
0.6(0.05")
LIGITEK
12.0(0.47")
57.0
(2.24")
69.7
(2.74")
5.2
60.0
(2.4")
LSD232X-XX
47.7
(1.88")
TYP.


유사한 부품 번호 - LSD3753-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-65F-XX-PF LIGITEK-LSD375-65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/61-XX-PF LIGITEK-LSD375/61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/65F-XX-PF LIGITEK-LSD375/65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
More results

유사한 설명 - LSD3753-XX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com