전자부품 데이터시트 검색엔진 |
|
BC846ALT1 데이터시트(PDF) 5 Page - ON Semiconductor |
|
BC846ALT1 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 6 page BC846ALT1 Series http://onsemi.com 5 ORDERING INFORMATION Device Marking Package Shipping† BC846ALT1 1A SOT−23 3,000 / Tape & Reel BC846ALT3 1A SOT−23 10,000 / Tape & Reel BC846BLT1 1B SOT−23 3,000 / Tape & Reel BC846BLT3 1B SOT−23 10,000 / Tape & Reel BC847ALT1 1E SOT−23 BC847ALT1G 1E SOT−23 (Pb−Free) 3,000 / Tape & Reel BC847BLT1 1F SOT−23 3,000 / Tape & Reel BC847CLT1 1G SOT−23 BC847CLT1G 1G SOT−23 (Pb−Free) 3,000 / Tape & Reel BC847CLT3 1G SOT−23 BC847CLT3G 1G SOT−23 (Pb−Free) 10,000 / Tape & Reel BC848ALT1 1J SOT−23 3,000 / Tape & Reel BC848ALT1G 1J SOT−23 (Pb−Free) 3,000 / Tape & Reel BC848BLT1 1K SOT−23 3,000 / Tape & Reel BC848BLT3 1K SOT−23 10,000 / Tape & Reel BC848CLT1 1L SOT−23 BC848CLT1G 1L SOT−23 (Pb−Free) 3,000 / Tape & Reel BC849BLT1 2B SOT−23 3,000 / Tape & Reel BC849BLT3 2B SOT−23 10,000 / Tape & Reel BC849CLT1 2C SOT−23 3,000 / Tape & Reel BC849CLT1G 2C SOT−23 (Pb−Free) 3,000 / Tape & Reel BC850BLT1 2F SOT−23 3,000 / Tape & Reel BC850CLT1 2G SOT−23 BC850CLT1G 2G SOT−23 (Pb−Free) 3,000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi- cations Brochure, BRD8011/D. |
유사한 부품 번호 - BC846ALT1 |
|
유사한 설명 - BC846ALT1 |