전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TYN612TRG 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 TYN612TRG
상세설명  isc Thyristors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TYN612TRG 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  TYN612TRG Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
TYN612TRG
DESCRIPTION
·
With TO-220 packaging
·
High heat dissipation and durability
·
Thermowatt construction for low thermal
·
Glass passivated junctions and center gate fire for greater
parameter uniformity and stability
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current
Tc=105℃
12
A
ITSM
Surge non-repetitive on-state current
( 1/2 cycle,sine wave;Tc=25℃ )
50Hz
60Hz
145
140
A
PG(AV)
Average gate power dissipation
1.0
W
Tj
Operating junction temperature
-40~125
Tstg
Storage temperature
-40~150
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM
VDM=VDRM
Tj=25℃
Tj=125℃
0.005
2.0
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
ITM= 24A
1.6
V
IGT
Gate-trigger current
VD = 12 V; RL=33Ω
0.5
5
mA
VGT
Gate-trigger voltage
VD = 12 V; RL=33Ω
1.3
V
Rth(j-c)
Thermal resistance
Junction to case
1.3
/W


유사한 부품 번호 - TYN612TRG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TYN612TRG STMICROELECTRONICS-TYN612TRG Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
More results

유사한 설명 - TYN612TRG

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
   isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
   isc Thyristors
BTW69-1200 ISC-BTW69-1200 Datasheet
217Kb / 1P
   isc Thyristors
SK016R ISC-SK016R Datasheet
221Kb / 1P
   isc Thyristors
C122B1 ISC-C122B1 Datasheet
220Kb / 1P
   isc Thyristors
BCR16CM-12LB ISC-BCR16CM-12LB Datasheet
220Kb / 1P
   isc Thyristors
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
BTA330X-800BT ISC-BTA330X-800BT Datasheet
222Kb / 1P
   isc Thyristors
BT137S-600 ISC-BT137S-600 Datasheet
222Kb / 1P
   isc Thyristors
BTA26-600BWRG ISC-BTA26-600BWRG Datasheet
220Kb / 1P
   isc Thyristors
BT136S-600E ISC-BT136S-600E Datasheet
221Kb / 1P
   isc Thyristors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com