전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE2815S-I 데이터시트(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

부품명 PE2815S-I
상세설명  PE series PCB safety isolation transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
홈페이지  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

PE2815S-I 데이터시트(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  PE2815S-I Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE series PCB safety isolation transformer
Model:PE2815S-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤33
2
≤18
≤0.4
85
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
8.9V×2
11.6V×2
13V×2
17.4V×2
21.3V×2
28.3V×2
34.8V×2
Single
8.9V
11.6V
13V
17.4V
21.3V
28.3V
34.8V
Double
150mA×2
120mA×2
100mA×2
75mA×2
60mA×2
50mA×2
37mA×2
Single
300mA
240mA
200mA
150mA
120mA
100mA
75mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
0.6±0.02
31.5±0.5
20.32±0.3
5.08
5.08
10.16
6
7
5
9 10
1
Schematic Diagram:
Single output
Double output
Secondary voltage
Secondary full load current
Secondary no load voltage
Front View
Bottom View


유사한 부품 번호 - PE2815S-I

제조업체부품명데이터시트상세설명
logo
Beijing Yaohuadechang E...
PE2815-I YHDC-PE2815-I Datasheet
645Kb / 1P
   PE series PCB safety isolation transformer
More results

유사한 설명 - PE2815S-I

제조업체부품명데이터시트상세설명
logo
Beijing Yaohuadechang E...
PE3015-M YHDC-PE3015-M Datasheet
632Kb / 1P
   PE series PCB safety isolation transformer
PE3022-M YHDC-PE3022-M Datasheet
688Kb / 1P
   PE series PCB safety isolation transformer
PE3518-I YHDC-PE3518-I Datasheet
628Kb / 1P
   PE series PCB safety isolation transformer
PE4110C-I YHDC-PE4110C-I Datasheet
687Kb / 1P
   PE series PCB safety isolation transformer
PE4117-M YHDC-PE4117-M Datasheet
622Kb / 1P
   PE series PCB safety isolation transformer
PE4809C-M YHDC-PE4809C-M Datasheet
624Kb / 1P
   PE series PCB safety isolation transformer
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
   PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
   PE series PCB safety isolation transformer
PE4825R-M YHDC-PE4825R-M Datasheet
598Kb / 1P
   PE series PCB safety isolation transformer
PE2812S-I YHDC-PE2812S-I Datasheet
1Mb / 1P
   PE series PCB safety isolation transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com