전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC87251G2D-24CB 데이터시트(PDF) 9 Page - ATMEL Corporation

부품명 TSC87251G2D-24CB
상세설명  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC87251G2D-24CB 데이터시트(HTML) 9 Page - ATMEL Corporation

Back Button TSC87251G2D-24CB Datasheet HTML 5Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 6Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 7Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 8Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 9Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 10Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 11Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 12Page - ATMEL Corporation TSC87251G2D-24CB Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
AT/TSC8x251G2D
4135D–8051–08/05
T1:0
I/O
Timer 1:0 External Clock Inputs
When timer 1:0 operates as a counter, a falling edge on the T1:0 pin
increments the count.
T2
I/O
Timer 2 Clock Input/Output
For the timer 2 capture mode, T2 is the external clock input. For the Timer 2
clock-out mode, T2 is the clock output.
P1.0
T2EX
I
Timer 2 External Input
In timer 2 capture mode, a falling edge initiates a capture of the timer 2
registers. In auto-reload mode, a falling edge causes the timer 2 register to
be reloaded. In the up-down counter mode, this signal determines the
count direction: 1 = up, 0 = down.
P1.1
TXD
O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in serial
I/O modes 1, 2 and 3.
P3.1
VDD
PWR
Digital Supply Voltage
Connect this pin to +5V or +3V supply voltage.
VPP
I
Programming Supply Voltage
The programming supply voltage is applied to this input for programming
the on-chip EPROM/OTPROM.
VSS
GND
Circuit Ground
Connect this pin to ground.
VSS1
GND
Secondary Ground 1
This ground is provided to reduce ground bounce and improve power
supply bypassing. Connection of this pin to ground is recommended.
However, when using the TSC80251G2D as a pin-for-pin replacement for a
8xC51 product, VSS1 can be unconnected without loss of compatibility.
Not available on DIP package.
VSS2
GND
Secondary Ground 2
This ground is provided to reduce ground bounce and improve power
supply bypassing. Connection of this pin to ground is recommended.
However, when using the TSC80251G2D as a pin-for-pin replacement for a
8xC51 product, VSS2 can be unconnected without loss of compatibility.
Not available on DIP package.
WAIT#
I
Real-time Synchronous Wait States Input
The real-time WAIT# input is enabled by setting RTWE bit in WCON
(S:A7h). During bus cycles, the external memory system can signal
‘system ready’ to the microcontroller in real time by controlling the WAIT#
input signal.
P1.6
WCLK
O
Wait Clock Output
The real-time WCLK output is enabled by setting RTWCE bit in WCON
(S:A7h). When enabled, the WCLK output produces a square wave signal
with a period of one half the oscillator frequency.
P1.7
WR#
O
Write
Write signal output to external memory.
P3.6
XTAL1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, its output is connected to this pin.
XTAL1 is the clock source for internal timing.
Table 2. Product Name Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function


유사한 부품 번호 - TSC87251G2D-24CB

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TSC87251G2D-24CB TEMIC-TSC87251G2D-24CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

유사한 설명 - TSC87251G2D-24CB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
   Communication interfaces
February 2009 Rev 4
logo
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com