전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC87251G2D-L16CB 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 TSC87251G2D-L16CB
상세설명  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC87251G2D-L16CB 데이터시트(HTML) 1 Page - ATMEL Corporation

  TSC87251G2D-L16CB Datasheet HTML 1Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 2Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 3Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 4Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 5Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 6Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 7Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 8Page - ATMEL Corporation TSC87251G2D-L16CB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Rev. 4135D–8051–08/05
1
Features
Pin and Software Compatibility with Standard 80C51 Products and 80C51Fx/Rx/Rx+
Plug-In Replacement of Intel’s 8xC251Sx
C251 Core: Intel’s MCS®251 D-step Compliance
40-byte Register File
Registers Accessible as Bytes, Words or Dwords
Three-stage Instruction Pipeline
16-bit Internal Code Fetch
Enriched C51 Instruction Set
16-bit and 32-bit ALU
Compare and Conditional Jump Instructions
Expanded Set of Move Instructions
Linear Addressing
1 Kbyte of On-Chip RAM
External Memory Space (Code/Data) Programmable from 64 kilobytes to 256 kilobytes
TSC87251G2D: 32 kilobytes of On-Chip EPROM/OTPROM
– SINGLE PULSE Programming Algorithm
TSC83251G1D: 16 kilobytes of On-Chip Masked ROM
TSC83251G1D: 32 kilobytes of On-Chip Masked ROM
TSC80251G1D: ROMless Version
Four 8-bit Parallel I/O Ports (Ports 0, 1, 2 and 3 of the Standard 80C51)
Serial I/O Port: Full Duplex UART (80C51 Compatible) With Independent Baud Rate
Generator
SSLC: Synchronous Serial Link Controller
TWI Multi-master Protocol
μWire and SPI Master and Slave Protocols
Three 16-bit Timers/Counters (Timers 0, 1 and 2 of the Standard 80C51)
EWC: Event and Waveform Controller
Compatible with Intel’s Programmable Counter Array (PCA)
Common 16-bit Timer/Counter Reference with Four Possible Clock Sources (Fosc/4,
Fosc/12, Timer 1 and External Input)
Five Modules, Each with Four Programmable Modes:
– 16-bit Software Timer/Counter
– 16-bit Timer/Counter Capture Input and Software Pulse Measurement
– High-speed Output and 16-bit Software Pulse Width Modulation (PWM)
– 8-bit Hardware PWM Without Overhead
16-bit Watchdog Timer/Counter Capability
Secure 14-bit Hardware Watchdog Timer
Power Management
Power-On Reset (Integrated on the Chip)
Power-Off Flag (Cold and Warm Resets)
Software Programmable System Clock
Idle Mode
Power-down Mode
Keyboard Interrupt Interface on Port 1
Non Maskable Interrupt Input (NMI)
Real-Time Wait States Inputs (WAIT#/AWAIT#)
ONCE Mode and Full Speed Real-time In-circuit Emulation Support (Third Party
Vendors)
High Speed Versions:
– 4.5V to 5.5V
– 16 MHz and 24 MHz
Typical Operating Current: 35 mA at 24 MHz
24 mA at 16 MHz
Typical Power-down Current: 2 μA
Low Voltage Version:
– 2.7V to 5.5V
– 16 MHz
8/16-bit
Microcontroller
with Serial
Communication
Interfaces
TSC80251G2D
TSC83251G2D
TSC87251G2D
AT80251G2D
AT83251G2D
AT87251G2D


유사한 부품 번호 - TSC87251G2D-L16CB

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TSC87251G2D-L16CB TEMIC-TSC87251G2D-L16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

유사한 설명 - TSC87251G2D-L16CB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
   Communication interfaces
February 2009 Rev 4
logo
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com