전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12026AD 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC12026AD
상세설명  1.1 GHz Dual Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026AD 데이터시트(HTML) 2 Page - ON Semiconductor

  MC12026AD Datasheet HTML 1Page - ON Semiconductor MC12026AD Datasheet HTML 2Page - ON Semiconductor MC12026AD Datasheet HTML 3Page - ON Semiconductor MC12026AD Datasheet HTML 4Page - ON Semiconductor MC12026AD Datasheet HTML 5Page - ON Semiconductor MC12026AD Datasheet HTML 6Page - ON Semiconductor MC12026AD Datasheet HTML 7Page - ON Semiconductor MC12026AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC12026A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5; TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sin Wave)
ft
0.1
1.4
1.1
GHz
Supply Current Output Unloaded (Pin 2)
ICC
4.0
5.3
mA
Modulus Control Input High (MC)
VIH1
2.0
VCC
V
Modulus Control Input Low (MC)
VIL1
GND
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC – 0.5 V
VCC
VCC + 0.5 V
V
Divide Ratio Control Input Low (SW)
VIL2
OPEN
OPEN
OPEN
Output Voltage Swing
(RL = 560 Ω; IO = 5.5 mA) (Note 1)
(RL = 1.1 kΩ; IO = 2.9 mA) (Note 2)
Vout
1.0
1.6
Vpp
Modulus Setup Time MC to Out (Note 3)
tSET
6.0
9.0
ns
Input Voltage Sensitivity
100–250 MHz
250–1100 MHz
Vin
400
100
1000
1000
mVpp
1. Divide Ratio of
÷8/9 at 1.1 GHz, CL = 8.0 pF.
2. Divide Ratio of
÷16/17 at 1.1 GHz, CL = 8.0 pF.
3. Assuming RL = 560 Ω at 1.1 GHz.
DQ
CQB
DQ
CQB
DQ
C QB
M
In
In
MC
D
C
QB
Q
D
C
QB
Q
Out
Figure 1. Logic Diagram (MC12026A)
1
0
SW
Figure 2. Modulus Setup Time
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release


유사한 부품 번호 - MC12026AD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADG ONSEMI-MC12026ADG Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADG ONSEMI-MC12026ADG Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12026ADR2 ONSEMI-MC12026ADR2 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results

유사한 설명 - MC12026AD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com