전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M30L0R8000T0 데이터시트(PDF) 49 Page - STMicroelectronics

부품명 M30L0R8000T0
상세설명  256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30L0R8000T0 데이터시트(HTML) 49 Page - STMicroelectronics

Back Button M30L0R8000T0 Datasheet HTML 45Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 46Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 47Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 48Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 49Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 50Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 51Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 52Page - STMicroelectronics M30L0R8000T0 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
49/83
M30L0R8000T0, M30L0R8000B0
Figure 15. Clock input AC Waveform
Table 24. Synchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. For other timings please refer to Table 23., Asynchronous Read AC Characteristics.
Symbol
Alt
Parameter
M30L0R8000T0/B
Unit
85
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
ns
tEHEL
Chip Enable Pulse Width (subsequent
synchronous reads)
Min
14
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
14
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
7
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
14
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
7
ns
tKHKH
tCLK
Clock Period (f=54MHz)
Min
18.5
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
4.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH


유사한 부품 번호 - M30L0R8000T0

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQ STMICROELECTRONICS-M30L0R7000B0ZAQ Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQE STMICROELECTRONICS-M30L0R7000B0ZAQE Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQF STMICROELECTRONICS-M30L0R7000B0ZAQF Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQT STMICROELECTRONICS-M30L0R7000B0ZAQT Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
More results

유사한 설명 - M30L0R8000T0

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com