전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M30L0R8000B0 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M30L0R8000B0
상세설명  256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30L0R8000B0 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M30L0R8000B0 Datasheet HTML 3Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 4Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 5Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 6Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 7Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 8Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 9Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 10Page - STMicroelectronics M30L0R8000B0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
7/83
M30L0R8000T0, M30L0R8000B0
SUMMARY DESCRIPTION
The M30L0R8000T0 and M30L0R8000B0 are 256
Mbit (16 Mbit x16) non-volatile Flash memories
that may be erased electrically at block level and
programmed in-system on a Word-by-Word basis
using a 1.7V to 2.0V VDD supply for the circuitry
and a 1.7V to 2.0V VDDQ supply for the Input/Out-
put pins. An optional 9V VPP power supply is pro-
vided to speed up factory programming.
The device features an asymmetrical block archi-
tecture and is based on a multi-level cell technolo-
gy.
The M30L0R8000x0 has an array of 259 blocks,
and is divided into 16 Mbit banks. There are 15
banks each containing 16 main blocks of 64
KWords, and one parameter bank containing 4 pa-
rameter blocks of 16 KWords and 15 main blocks
of 64 KWords.
The Multiple Bank Architecture allows Dual Oper-
ations, while programming or erasing in one bank,
read operations are possible in other banks. Only
one bank at a time is allowed to be in program or
erase mode. It is possible to perform burst reads
that cross bank boundaries. The bank architecture
is summarized in Table 2., and the memory maps
are shown in Figure 4. The Parameter Blocks are
located at the top of the memory address space for
the M30L0R8000T0, and at the bottom for the
M30L0R8000B0.
Each block can be erased separately. Erase can
be suspended, in order to perform a program or
read operation in any other block, and then re-
sumed. Program can be suspended to read data
at any memory location except for the one being
programmed, and then resumed. Each block can
be programmed and erased over 100,000 cycles
using the supply voltage VDD. There is a Buffer
Enhanced Factory programming command avail-
able to speed up programming.
Program and erase commands are written to the
Command Interface of the memory. An internal
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified in the
Status Register. The command set required to
control the memory is consistent with JEDEC stan-
dards.
The device supports Synchronous Burst Read and
Asynchronous Read from all blocks of the memory
array; at power-up the device is configured for
Asynchronous Read. In Synchronous Burst Read
mode, data is output on each clock cycle at fre-
quencies of up to 54MHz. The Synchronous Burst
Read operation can be suspended and resumed.
The device features an Automatic Standby mode.
When the bus is inactive during Asynchronous
Read operations, the device automatically switch-
es to the Automatic Standby mode. In this condi-
tion the power consumption is reduced to the
standby value and the outputs are still driven.
The M30L0R8000x0 features an instant, individual
block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and erase.
When VPP ≤ VPPLK all blocks are protected against
program or erase. All blocks are locked at power-
up.
The device includes 17 Protection Registers and 2
Protection Register locks, one for the first Protec-
tion Register and the other for the 16 One-Time-
Programmable (OTP) Protection Registers of 128
bits each. The first Protection Register is divided
into two segments: a 64 bit segment containing a
unique device number written by ST, and a 64 bit
segment One-Time-Programmable (OTP) by the
user. The user programmable segment can be
permanently protected. Figure 5., shows the Pro-
tection Register Memory Map.
The M30L0R8000x0 is offered in a Stacked
TFBGA88 8x10mm - 8x10 active ball array,
0.8mm pitch package.
In addition to the standard version, the packages
are also available in Lead-free version, in compli-
ance with JEDEC Std J-STD-020B, the ST ECO-
PACK 7191395 Specification, and the RoHS
(Restriction of Hazardous Substances) directive.
All packages are compliant with Lead-free solder-
ing processes.
The devices are supplied with all the bits erased
(set to ’1’).


유사한 부품 번호 - M30L0R8000B0

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQ STMICROELECTRONICS-M30L0R7000B0ZAQ Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQE STMICROELECTRONICS-M30L0R7000B0ZAQE Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQF STMICROELECTRONICS-M30L0R7000B0ZAQF Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQT STMICROELECTRONICS-M30L0R7000B0ZAQT Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
More results

유사한 설명 - M30L0R8000B0

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com