전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

M30L0R8000B0ZAQ 데이터시트(Datasheet) 55 Page - STMicroelectronics

부품명 M30L0R8000B0ZAQ
상세내용  256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

 55 page
background image
55/83
M30L0R8000T0, M30L0R8000B0
PACKAGE MECHANICAL
Figure 19. TFBGA88 8x10mm - 8x10 ball array, 0.8mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 28. TFBGA88 8x10mm - 8x10 ball array, 0.8mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.200
0.0079
A2
0.850
0.0335
b
0.350
0.300
0.400
0.0138
0.0118
0.0157
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
5.600
0.2205
ddd
0.100
0.0039
E
10.000
9.900
10.100
0.3937
0.3898
0.3976
E1
7.200
0.2835
E2
8.800
0.3465
e
0.800
0.0315
FD
1.200
0.0472
FE
1.400
0.0551
FE1
0.600
0.0236
SD
0.400
0.0157
SE
0.400
0.0157
A2
A1
A
BGA-Z42
ddd
D
E
e
b
SE
FD
E2
D1
SD
BALL "A1"
E1
FE
FE1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M36P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R7050T0128 Mbit Multiple Bank Multi-Level Burst Flash Memory 32 Mbit 2M x16 PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M39P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Low Power SDRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T0256 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M58LR128FT128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36P0R9060E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash memory 64 Mbit Burst PSRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36LLR8760T1256 + 128 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T1256 Mbit Multiple Bank Multi-Level Burst Flash Memory and 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M30L0R7000B0128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W0R5020T032 Mbit 2Mb x16 Multiple Bank Burst Flash Memory and 4 Mbit SRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl