전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M30L0R8000B0ZAQ 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 M30L0R8000B0ZAQ
상세설명  256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30L0R8000B0ZAQ 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button M30L0R8000B0ZAQ Datasheet HTML 13Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 14Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 15Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 16Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 17Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 18Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 19Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 20Page - STMicroelectronics M30L0R8000B0ZAQ Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
17/83
M30L0R8000T0, M30L0R8000B0
See APPENDIX C., Figure 21., Buffer Program
Flowchart and Pseudo Code, for a suggested flow-
chart on using the Buffer Program command.
Buffer Enhanced Factory Program Command
The Buffer Enhanced Factory Program command
has been specially developed to speed up pro-
gramming in manufacturing environments where
the programming time is critical.
It is used to program one or more Write Buffer(s)
of 32 Words to a block. Once the device enters
Buffer Enhanced Factory Program mode, the
Write Buffer can be reloaded any number of times
as long as the address remains within the same
block. Only one block can be programmed at a
time.
The use of the Buffer Enhanced Factory Program
command requires certain operating conditions:
VPP must be set to VPPH
VDD must be within operating range
Ambient temperature TA must be 30°C ± 10°C
The targeted block must be unlocked
The start address must be aligned with the
start of a 32 Word buffer boundary
The address must remain the Start Address
throughout programming.
Dual operations are not supported during the Buff-
er Enhanced Factory Program operation and the
command cannot be suspended.
If the block is protected, the Buffer Enhanced Fac-
tory Program operation will abort, the data in the
block will not be changed and the Status Register
will output the error.
The Buffer Enhanced Factory Program Command
consists of three phases: the Setup Phase, the
Program and Verify Phase, and the Exit Phase,
Please refer to Table 6., Factory Program Com-
mand for detail information.
Setup Phase. The Buffer Enhanced Factory Pro-
gram command requires two Bus Write cycles to
initiate the command.
The first Bus Write cycle sets up the Buffer
Enhanced Factory Program command.
The second Bus Write cycle confirms the
command.
After the confirm command is issued, read opera-
tions output the contents of the Status Register.
The read Status Register command must not be
issued as it will be interpreted as data to program.
The Status Register P/E.C. Bit SR7 should be
read to check that the P/E.C. is ready to proceed
to the next phase.
If an error is detected, SR4 goes high (set to ‘1’)
and the Buffer Enhanced Factory Program opera-
tion is terminated. See Status Register section for
details on the error.
Program and Verify Phase. The Program and
Verify Phase requires 32 cycles to program the 32
Words to the Write Buffer. The data is stored se-
quentially, starting at the first address of the Write
Buffer, until the Write Buffer is full (32 Words). To
program less than 32 Words, the remaining Words
should be programmed with FFFFh.
Three successive steps are required to issue and
execute the Program and Verify Phase of the com-
mand.
1.
Use one Bus Write operation to latch the Start
Address and the first Word to be programmed.
The Status Register Bank Write Status bit SR0
should be read to check that the P/E.C. is
ready for the next Word.
2.
Each subsequent Word to be programmed is
latched with a new Bus Write operation. The
address must remain the Start Address as the
P/E.C. increments the address location.If any
address that is not in the same block as the
Start Address is given, the Program and Verify
Phase terminates. Status Register bit SR0
should be read between each Bus Write cycle
to check that the P/E.C. is ready for the next
Word.
3.
Once the Write Buffer is full, the data is pro-
grammed sequentially to the memory array.
After the program operation the device auto-
matically verifies the data and reprograms if
necessary.
The Program and Verify phase can be repeated,
without re-issuing the command, to program addi-
tional 32 Word locations as long as the address re-
mains in the same block.
4.
Finally, after all Words, or the entire block
have been programmed, write one Bus Write
operation to any address outside the block
containing the Start Address, to terminate
Program and Verify Phase.
Status Register bit SR0 must be checked to deter-
mine whether the program operation is finished.
The Status Register may be checked for errors at
any time but it must be checked after the entire
block has been programmed.
Exit Phase. Status Register P/E.C. bit SR7 set to
‘1’ indicates that the device has exited the Buffer
Enhanced Factory Program operation and re-
turned to Read Status Register mode. A full Status
Register check should be done to ensure that the
block has been successfully programmed. See the
section on the Status Register for more details.


유사한 부품 번호 - M30L0R8000B0ZAQ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQ STMICROELECTRONICS-M30L0R7000B0ZAQ Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQE STMICROELECTRONICS-M30L0R7000B0ZAQE Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQF STMICROELECTRONICS-M30L0R7000B0ZAQF Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQT STMICROELECTRONICS-M30L0R7000B0ZAQT Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
More results

유사한 설명 - M30L0R8000B0ZAQ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com