전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

M30L0R8000B0ZAQ 데이터시트(Datasheet) 38 Page - STMicroelectronics

부품명 M30L0R8000B0ZAQ
상세내용  256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

 38 page
background image
M30L0R8000T0, M30L0R8000B0
38/83
PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The Program and Erase times and the number of
Program/ Erase cycles per block are shown in Ta-
ble 17. Exact erase times may change depending
on the memory array condition. The best case is
when all the bits in the block are at ‘0’ (pre-pro-
grammed). The worst case is when all the bits in
the block are at ‘1’ (not preprogrammed). Usually,
the system overhead is negligible with respect to
the erase time. In the M30L0R8000x0 the maxi-
mum number of Program/Erase cycles depends
on the VPP voltage supply used.
Table 17. Program/Erase Times and Endurance Cycles
Note: 1. TA = –25 to 85°C; VDD = 1.7V to 2V; VDDQ = 1.7V to 2V.
2. Values are liable to change with the external system-level overhead (command sequence and Status Register polling execution).
3. Excludes the time needed to execute the command sequence.
4. This is an average value on the entire device.
Parameter
Condition
Min
Typ
Typical
after
100kW/E
Cycles
Max
Unit
Erase
Parameter Block (16 KWord)
0.4
1
2.5
s
Main Block (64 KWord)
Preprogrammed
1
3
4
s
Not Preprogrammed
1.2
4
s
Program(3)
SIngle Cell
Word Program
30
60
µs
Buffer Program
30
60
µs
Single Word
Word Program
90
180
µs
Buffer Program
90
180
µs
Buffer (32 Words) (Buffer Program)
440
880
µs
Main Block (64 KWord) (Buffer Program)
880
ms
Suspend
Latency
Program
20
25
µs
Erase
20
25
µs
Program/
Erase Cycles
(per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles
Erase
Parameter Block (16 KWord)
0.4
2.5
s
Main Block (64 KWord)
1
4
s
Program(3)
Single Cell
Word Program
30
60
µs
Single Word
Word Program
85
170
µs
Buffer Enhanced Factory
Program(4)
10
µs
Buffer (32 Words)
Buffer Program
340
680
µs
Buffer Enhanced Factory
Program
320
µs
Main Block (64 KWords)
Buffer Program
640
ms
Buffer Enhanced Factory
Program
640
ms
Bank (16 Mbits)
Buffer Program
10
s
Buffer Enhanced Factory
Program
10
s
Program/
Erase Cycles
(per Block)
Main Blocks
1000
cycles
Parameter Blocks
2500
cycles




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M36P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R7050T0128 Mbit Multiple Bank Multi-Level Burst Flash Memory 32 Mbit 2M x16 PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M39P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Low Power SDRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T0256 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M58LR128FT128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36P0R9060E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash memory 64 Mbit Burst PSRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36LLR8760T1256 + 128 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T1256 Mbit Multiple Bank Multi-Level Burst Flash Memory and 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M30L0R7000B0128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W0R5020T032 Mbit 2Mb x16 Multiple Bank Burst Flash Memory and 4 Mbit SRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl