전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR370BRT-REEL7 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADR370BRT-REEL7
상세설명  Precision Low Power 2.048 V SOT-23 Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR370BRT-REEL7 데이터시트(HTML) 3 Page - Analog Devices

  ADR370BRT-REEL7 Datasheet HTML 1Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 2Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 3Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 4Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 5Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 6Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 7Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 8Page - Analog Devices ADR370BRT-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
ADR370
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +125°C
Lead Temperature Range
Soldering, 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared, 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Absolute maximum ratings apply at 25
°C, unless otherwise noted.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADR370 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Output
Initial
Temperature
Number
Voltage
Accuracy
Coefficient
Package
Package
of Parts
Temperature
Model
(VO)(mV) (%)
(ppm/
°C)
Description
Option
Branding per Reel
Range
ADR370BRT-R2
2.048
±4
0.5
50
SOT-23
3-Lead
RPB
250
–40
°C to +125°C
ADR370BRT-REEL7
2.048
±4
0.2
50
SOT-23
3-Lead
RPB
3,000
–40
°C to +125°C
ADR370ART-R2
2.048
±10
0.5
100
SOT-23
3-Lead
RPA
250
–40
°C to +125°C
ADR370ART-REEL7 2.048
±10
0.5
100
SOT-23
3-Lead
RPA
3,000
–40
°C to +125°C
Package Type
JA
JC
Unit
3-SOT-23 (RT)
220
102
°C/W


유사한 부품 번호 - ADR370BRT-REEL7

제조업체부품명데이터시트상세설명
logo
MIC GROUP RECTIFIERS
ADR30L MIC-ADR30L Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30M MIC-ADR30M Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30Z MIC-ADR30Z Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results

유사한 설명 - ADR370BRT-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com