전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF720T1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BF720T1
상세설명  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF720T1 데이터시트(HTML) 1 Page - ON Semiconductor

  BF720T1 Datasheet HTML 1Page - ON Semiconductor BF720T1 Datasheet HTML 2Page - ON Semiconductor BF720T1 Datasheet HTML 3Page - ON Semiconductor BF720T1 Datasheet HTML 4Page - ON Semiconductor BF720T1 Datasheet HTML 5Page - ON Semiconductor BF720T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN Silicon Transistor
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
300
Vdc
Collector-Base Voltage
VCBO
300
Vdc
Collector-Emitter Voltage
VCER
300
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation up to TA = 25°C
PD
1.5
Watts
Storage Temperature Range
Tstg
– 65 to +150
°C
Junction Temperature
TJ
150
°C
DEVICE MARKING
DC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance
from Junction-to-Ambient(1)
R
θJA
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector-Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
300
Vdc
Collector-Emitter Breakdown Voltage
(IC = 100 µAdc, RBE = 2.7 kΩ)
V(BR)CER
300
Vdc
Emitter-Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector-Base Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
10
nAdc
Collector–Emitter Cutoff Current
(VCE = 250 Vdc, RBE = 2.7 kΩ)
(VCE = 200 Vdc, RBE = 2.7 kΩ, TJ = 150°C)
ICER
50
10
nAdc
µAdc
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in. x 0.059 in.; mounting pad for the collector lead min. 0.93 in2.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by BF720T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1998
BF720T1
NPN SILICON
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
SOT–223 (TO-261AA)
1
2
3
4
COLLECTOR 2,4
BASE
1
EMITTER 3
REV 3


유사한 부품 번호 - BF720T1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BF720T1 MOTOROLA-BF720T1 Datasheet
110Kb / 6P
   NPN Ssilicon Transistor
logo
ON Semiconductor
BF720T1G ONSEMI-BF720T1G Datasheet
134Kb / 4P
   NPN Silicon Transistor
September, 2010 -- Rev. 7
BF720T1G ONSEMI-BF720T1G Datasheet
108Kb / 4P
   NPN Silicon Transistor
November, 2011 ??Rev. 8
BF720T1G ONSEMI-BF720T1G_11 Datasheet
108Kb / 4P
   NPN Silicon Transistor
November, 2011 ??Rev. 8
More results

유사한 설명 - BF720T1

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com