전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSP52T1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BSP52T1
상세설명  MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSP52T1 데이터시트(HTML) 1 Page - ON Semiconductor

  BSP52T1 Datasheet HTML 1Page - ON Semiconductor BSP52T1 Datasheet HTML 2Page - ON Semiconductor BSP52T1 Datasheet HTML 3Page - ON Semiconductor BSP52T1 Datasheet HTML 4Page - ON Semiconductor BSP52T1 Datasheet HTML 5Page - ON Semiconductor BSP52T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN Small-Signal
Darlington Transistor
This NPN small signal darlington transistor is designed for use in switching
applications, such as print hammer, relay, solenoid and lamp drivers. The device is
housed in the SOT-223 package, which is designed for medium power surface mount
applications.
• The SOT-223 Package can be soldered using wave or reflow. The formed
leads absorb thermal stress during soldering, eliminating the possibility of
damage to the die
• Available in 12 mm Tape and Reel
Use BSP52T1 to order the 7 inch/1000 unit reel
Use BSP52T3 to order the 13 inch/4000 unit reel
• PNP Complement is BSP62T1
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCES
80
Vdc
Collector-Base Voltage
VCBO
90
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
500
mAdc
Total Power Dissipation @ TA = 25°C(1)
Derate above 25
°C
PD
0.8
6.4
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to 150
°C
DEVICE MARKING
AS3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance – Junction-to-Ambient (surface mounted)
R
θJA
156
°C/W
Maximum Temperature for Soldering Purposes
Time in Solder Bath
TL
260
10
°C
Sec
1. Device mounted on a FR-4 glass epoxy printed circuit board using minimum recommended footprint.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by BSP52T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
BSP52T1
MEDIUM POWER
NPN SILICON
DARLINGTON
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
COLLECTOR 2,4
BASE
1
EMITTER 3
REV 1


유사한 부품 번호 - BSP52T1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
47Kb / 4P
   NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
BSP52T1G ONSEMI-BSP52T1G Datasheet
47Kb / 4P
   NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
BSP52T1G ONSEMI-BSP52T1G Datasheet
90Kb / 3P
   NPN Small-Signal Darlington Transistor
September, 2010 ??Rev. 6
BSP52T1G ONSEMI-BSP52T1G Datasheet
96Kb / 4P
   NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
More results

유사한 설명 - BSP52T1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
   MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28_10 Datasheet
533Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CXTA27 CENTRAL-CXTA27_10 Datasheet
289Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
   SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
406Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28 Datasheet
528Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com