전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VLMG31K1L2-GS08 데이터시트(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

부품명 VLMG31K1L2-GS08
상세설명  Standard SMD LED PLCC-2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
홈페이지  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMG31K1L2-GS08 데이터시트(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMG31K1L2-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMG31K1L2-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VLMG31..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Nov-15
4
Document Number: 81323
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
PACKAGE DIMENSIONS in millimeters
green
0
0.4
0.8
1.6
1.2
2.0
95 10320
Tamb- Ambient Temperature (°C)
20
40
60
80
0
100
Drawing-No.: 6.541-5067.01-4
specifications
according to DIN
Technical drawings
Issue: 6; 23.09.13
Dimensions in mm
C
A
Ø2.4
Pin identification
3.5±0.2
3
+0.15
0.8
Mounting Pad Layout
4
1.2
1.6 (1.9)
Dimensions: Reflow and vapor phase (wave soldering)
Area covered
with solderresist


유사한 부품 번호 - VLMG31K1L2-GS08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VLMG31K1L2-GS08 VISHAY-VLMG31K1L2-GS08 Datasheet
169Kb / 8P
   Standard SMD LED in PLCC-2
Rev. 1.1, 06-Sep-07
VLMG31K1L2-GS08 VISHAY-VLMG31K1L2-GS08 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Nov-15
VLMG31K1L2-GS08 VISHAY-VLMG31K1L2-GS08 Datasheet
233Kb / 7P
   Standard SMD LED PLCC-2
01-Jan-2023
VLMG31K1L2-GS08 VISHAY-VLMG31K1L2-GS08_13 Datasheet
908Kb / 7P
   Standard SMD LED in PLCC-2
Rev. 1.4, 26-Apr-13
More results

유사한 설명 - VLMG31K1L2-GS08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
   Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
   Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 30-Aug-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com