전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25619 데이터시트(PDF) 14 Page - Texas Instruments

부품명 BQ25619
상세설명  BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25619 데이터시트(HTML) 14 Page - Texas Instruments

Back Button BQ25619_V01 Datasheet HTML 10Page - Texas Instruments BQ25619_V01 Datasheet HTML 11Page - Texas Instruments BQ25619_V01 Datasheet HTML 12Page - Texas Instruments BQ25619_V01 Datasheet HTML 13Page - Texas Instruments BQ25619_V01 Datasheet HTML 14Page - Texas Instruments BQ25619_V01 Datasheet HTML 15Page - Texas Instruments BQ25619_V01 Datasheet HTML 16Page - Texas Instruments BQ25619_V01 Datasheet HTML 17Page - Texas Instruments BQ25619_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
TS
Battery
Sensing
Thermistor
I2C
Interface
USB
Adapter
+
±
+
±
FBO
PGND
REGN
RBFET (Q1)
VBUS
LSFET (Q3)
HSFET (Q2)
SW
BATFET
(Q4)
SYS
BAT
ICHG
VBUS_OVP_BOOST
/QON
Q1 Gate
Control
REGN
PMID
+
±
+
±
+
±
Q3_OCP_BOOST
Q2_UCP_BOOST
IQ3
IQ2
VVBUS
VBST_OVP
VBST_HSZCP
VBST_BAT
ILSFET_UCP
IQ3
104% × V BAT_REG
BAT
+
±
+
±
UCP
BATOVP
CONVERTER
Control
+
±
+
±
ICHG_REG
VBAT_REG
BAT
VSYSMIN
+
±
+
±
+
±
+
±
IINDPM
IC TJ
TREG
VINDPM
SYS
REGN
LDO
EN_HIZ
UVLO
SLEEP
ACOV
+
±
VVBUS_UVLOZ
VBAT + VSLEEP
VVAC_OV
BTST
REFRESH
Q2_OCP
VBTST_REFRESH
VBTST - VSW
IHSFET_OCP
IQ2
EN_CHARGE
EN_BOOST
EN_HIZ
Q4 Gate
Control
VQON
+
±
+
±
+
±
+
±
+
±
+
±
+
±
/CE
SDA
SCL
Input Source
Detection
REF
DAC
ICHG_REG
VBAT_REG
STAT
PMID_GOOD
INT
PSEL
CHARGE
CONTROL
STATE
MACHINE
Converter
Control State
Machine
BATLOWV
SUSPEND
RECHRG
TERMINATION
BATSHORT
TSHUT
BAD_SRC
BAT_GD
TSHUT
IC TJ
BAT
VBATLOWV
BAT
IBADSRC
IDC
VBATGD
BAT
ITERM
ICHG
BAT
VSHORT
VREG -VRECHG
ICHG
BQ25619
VVBUS
IIN
IIN
+
±
VVBUS
+
±
VVBUS
VVBUS
BATSNS
SNS
SNS
SNS
SNS
SNS
EN_REGN
14
BQ25619
SLUSDF8A – JUNE 2019 – REVISED JULY 2019
www.ti.com
Product Folder Links: BQ25619
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The BQ25619 device is a highly integrated 1.5-A switch-mode battery charger for single cell Li-Ion and Li-
polymer battery. It includes the input reverse-blocking FET (RBFET, Q1), high-side switching FET (HSFET, Q2),
low-side switching FET (LSFET, Q3), and battery FET (BATFET, Q4), and bootstrap diode for the high-side gate
drive.
8.2 Functional Block Diagram


유사한 부품 번호 - BQ25619_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619E TI-BQ25619E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619RTWR TI1-BQ25619RTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
More results

유사한 설명 - BQ25619_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
[Old version datasheet]   BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
logo
Renesas Technology Corp
DA9168 RENESAS-DA9168 Datasheet
1Mb / 93P
   1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C
07-Oct-2022
logo
Texas Instruments
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com