전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC53401 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC53401
상세설명  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 데이터시트(HTML) 17 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 13Page - Texas Instruments DAC53401 Datasheet HTML 14Page - Texas Instruments DAC53401 Datasheet HTML 15Page - Texas Instruments DAC53401 Datasheet HTML 16Page - Texas Instruments DAC53401 Datasheet HTML 17Page - Texas Instruments DAC53401 Datasheet HTML 18Page - Texas Instruments DAC53401 Datasheet HTML 19Page - Texas Instruments DAC53401 Datasheet HTML 20Page - Texas Instruments DAC53401 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 5. FUNC_CONFIG bits
REGISTER ADDRESS AND NAME
FUNC_CONFIG[1]
FUNC_CONFIG[0]
DESCRIPTION
D1h, GENERAL_CONFIG
0
0
Generates a triangle wave between
MARGIN_HIGH (address 25h) code to
MARGIN_LOW (address 26h) code with
slope defined by SLEW_RATE (address
D1h) bits
0
1
Generates Saw-Tooth wave between
MARGIN_HIGH (address 25h) code to
MARGIN_LOW (address 26h) code, with
rising slope defined by SLEW_RATE
(address D1h) bits and immediate falling
edge
1
0
Generates Saw-Tooth wave between
MARGIN_HIGH (address 25h) code to
MARGIN_LOW (address 26h) code, with
falling slope defined by SLEW_RATE
(address D1h) bits and immediate rising
edge
1
1
Generates a square wave between
MARGIN_HIGH (address 25h) code to
MARGIN_LOW (address 26h) code with
pulse high and low period defined by
SLEW_RATE (address D1h) bits
8.4.3 PMBus Compatibility Mode
The DACx3401 I2C interface implements some of the PMBus commands. Table 6 shows the supported PMBus
commands that are implemented in DACx3401.The DAC uses MARGIN_LOW (address 26h), MARGIN_HIGH
(address 25h) bits, SLEW_RATE, and CODE_STEP bits (address D1h) for PMBUS_OPERATION_CMD.
Table 6. PMBus Operation Commands
REGISTER ADDRESS AND NAME
PMBUS_OPERATION_CMD[15:8]
DESCRIPTION
01h, PMBUS_OPERATION
00h
Turn off
80h
Turn on
A4h
Margin low
94h
Margin high
The DACx3401 also implements a time-out failure feature for PMBus mode. The CML bit (address 78h) indicates
the status of the PMBus. This bit can be reset by writing 1.
To read the PMBus version, read the PMBUS_VERSION bits (address 98h).
8.4.4 Medical Alarm Generation Mode
The DACx3401 can also be used to generate continuous alarm tones for medical devices. Use a suitable analog
mixer, audio amplifier, and a speaker to generate low, medium, or high priority alarm tones. See the Application
and Implementation section for more details. The DACx3401 allows tunability and configurability to support
different alarm generation. Using this approach, configurable medical alarm tones can be generated with a
simple circuit, and with no need for runtime software.
8.4.4.1 Low-Priority Alarm
The MED_ALARM_LP bit (address D2h) is used to trigger a medical low-priority alarm generation. The DAC
generates a continuous-alarm signal until this bit is set back to 0. After the bit is set to 0, the device does not
abruptly end the alarm generation; the device stops only after completing the ongoing burst.
8.4.4.2 Medium-Priority Alarm
The MED_ALARM_MP bit (address D2h) is used to trigger a medical medium-priority alarm generation. The DAC
generates a continuous-alarm signal until this bit is set back to 0. After the bit is set to 0, the device does not
abruptly end the alarm generation; the device stops only after completing the ongoing burst.


유사한 부품 번호 - DAC53401

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

유사한 설명 - DAC53401

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com