전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC53401 데이터시트(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC53401
상세설명  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 데이터시트(HTML) 29 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 25Page - Texas Instruments DAC53401 Datasheet HTML 26Page - Texas Instruments DAC53401 Datasheet HTML 27Page - Texas Instruments DAC53401 Datasheet HTML 28Page - Texas Instruments DAC53401 Datasheet HTML 29Page - Texas Instruments DAC53401 Datasheet HTML 30Page - Texas Instruments DAC53401 Datasheet HTML 31Page - Texas Instruments DAC53401 Datasheet HTML 32Page - Texas Instruments DAC53401 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6.3 MED_ALARM_CONFIG Register (address = D2h) (reset = 0000h)
Figure 10. MED_ALARM_CONFIG Register
15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
X
MED_
ALARM_
HP
MED_
ALARM_
MP
MED_
ALARM_
LP
RESERVED
MED_ALARM_
DEAD_TIME
PULSE_
OFF_TIME
PULSE_
ON_TIME
X
W
W
W
RESERVED
W
W
W
Table 20. MED_ALARM_CONFIG Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15 -
11
X
X
00h
Don't care
10
MED_ALARM_HP
W
0
0: No medical alarm waveform generated
1: High priority medical alarm waveform generated
9
MED_ALARM_MP
W
0
0: No medical alarm waveform generated
1: Medium priority medical alarm waveform generated
8
MED_ALARM_LP
W
0
0: No medical alarm waveform generated
1: Low priority medical alarm waveform generated
7 - 6
RESERVED
Reserv
ed
0
RESERVED
5 - 4
INTERBURST_TIME
W
00
High priority alarm
00: 2.55 sec
01: 2.96 sec
10: 3.38 sec
11: 3.80 sec
Medium priority
alarm
00: 2.60 sec
01: 3.06 sec
10: 3.52 sec
11: 4.00 sec
Low priority alarm
00: 16 sec
01: 16 sec
10: 16 sec
11: 16 sec
3 - 2
PULSE_OFF_TIME
W
00
High priority alarm
00: 15 msec
01: 36 msec
10: 58 msec
11: 80 msec
Medium priority
alarm
00: 40 msec
01: 60 msec
10: 80 msec
11: 100 msec
Low priority alarm
00: 40 msec
01: 60 msec
10: 80 msec
11: 100 msec
1 - 0
PULSE_ON_TIME
W
00
High priority alarm
00: 80 msec
01: 103 msec
10: 126 msec
11: 150 msec
Medium priority
alarm
00: 130 msec
01: 153 msec
10: 176 msec
11: 200 msec
Low priority alarm
00: 130 msec
01: 153 msec
10: 176 msec
11: 200 msec


유사한 부품 번호 - DAC53401

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

유사한 설명 - DAC53401

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com