전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPA191 데이터시트(PDF) 28 Page - Texas Instruments

부품명 OPA191
상세설명  OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 데이터시트(HTML) 28 Page - Texas Instruments

Back Button OPA191_V01 Datasheet HTML 24Page - Texas Instruments OPA191_V01 Datasheet HTML 25Page - Texas Instruments OPA191_V01 Datasheet HTML 26Page - Texas Instruments OPA191_V01 Datasheet HTML 27Page - Texas Instruments OPA191_V01 Datasheet HTML 28Page - Texas Instruments OPA191_V01 Datasheet HTML 29Page - Texas Instruments OPA191_V01 Datasheet HTML 30Page - Texas Instruments OPA191_V01 Datasheet HTML 31Page - Texas Instruments OPA191_V01 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
±15.0
±14.0
«
11.0
12.0
13.0
14.0
15.0
Common-Mode Voltage (V)
200
100
0
±100
±200
±300
Input Offset Voltage vs Vcm
Without e-
WULPΠ,QWHJUDWHG &LUFXLW
Transition
Region
P-Channel
Region
N-Channel
Region
±15.0
±14.0
«
11.0
12.0
13.0
14.0
15.0
Common-Mode Voltage (V)
200
100
0
±100
±200
±300
Transition
Region
P-Channel
Region
N-Channel
Region
OPAx191 e-
WULPΠ2SHUDWLRQDO $PSOLILHU
Input Offset Voltage vs Vcm
NCH3
PCH2
PCH1
IS1
NCH4
±Vsupply
+Vsupply
VIN+
VIN±
FUSE BANK
VOS TRIM
VOS DRIFT TRIM
e-Trim
TM Integrated Circuit
28
OPA191, OPA2191, OPA4191
SBOS701B – DECEMEBER 2015 – REVISED JULY 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
8.3.6 Common-Mode Voltage Range
The OPAx191 is a 36-V, true rail-to-rail input operational amplifier with an input common-mode range that
extends 100 mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel
and P-channel differential input pairs, as shown in Figure 58. The N-channel pair is active for input voltages
close to the positive rail, typically (V+) – 3 V to 100 mV above the positive supply. The P-channel pair is active
for inputs from 100 mV below the negative supply to approximately (V+) – 1.5 V. There is a small transition
region, typically (V+) –3 V to (V+) – 1.5 V in which both input pairs are active. This transition region varies
modestly with process variation. Within this region PSRR, CMRR, offset voltage, offset drift, noise, and THD
performance are degraded compared to operation outside this region.
Figure 58. Rail-to-Rail Input Stage
To achieve the best performance for two-stage rail-to-rail input amplifiers, avoid the transition region when
possible. The OPAx191 uses a precision trim for both the N-channel and P-channel regions. This technique
enables significantly lower levels of offset than previous-generation devices, causing variance in the transition
region of the input stages to appear exaggerated relative to offset over the full common-mode range, as shown in
Figure 59.
Figure 59. Common-Mode Transition vs Standard Rail-to-Rail Amplifiers


유사한 부품 번호 - OPA191_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
More results

유사한 설명 - OPA191_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com