전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFAF320480C5-035T-TS 데이터시트(PDF) 12 Page - Crystalfontz America, Inc.

부품명 CFAF320480C5-035T-TS
상세설명  TFT DISPLAY MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYSTAIFONTZ [Crystalfontz America, Inc.]
홈페이지  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAF320480C5-035T-TS 데이터시트(HTML) 12 Page - Crystalfontz America, Inc.

Back Button CFAF320480C5-035T-TS Datasheet HTML 5Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 6Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 7Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 8Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 9Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 10Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 11Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 12Page - Crystalfontz America, Inc. CFAF320480C5-035T-TS Datasheet HTML 13Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Crystalfontz
CFAF320480C5-035T-TS TFT Display Module
www.crystalfontz.com
Datasheet Release Date 2017-07-31
Page | 12
Do not apply stress to the LSI chips and the surrounding molded sections.
Do not disassemble or modify the LCD display module.
Do not apply input signals while the logic power is off.
Pay sufficient attention to the working environments when handing the LCD display module to
prevent occurrence of element breakage accidents by static electricity.
o
Be sure to make human body grounding when handling LCD display modules.
o
Be sure to ground tools to use for assembly such as soldering irons.
o
To suppress generation of static electricity, avoid carrying out assembly work
under dry environments.
o
Protective film is being applied to the surface of the display panel of the LCD
display module. Be careful since static electricity may be generated when
exfoliating the protective film.
Protection film is being applied to the surface of the display panel and removes the protection
film before assembling it. At this time, if the LCD display module has been stored for a long
period of time, residue adhesive material of the protection film may remain on the surface of
the display panel after the film has been removed. In such a case, remove the residue
material by the method discussed above.
If electric current is applied when the LCD display module is being dewed or when it is placed
under high humidity environments, the electrodes may become corroded. If this happens
proceed with caution when handling the LCD display module.
12.3. Storage Precautions
When storing the LCD display modules put them in static electricity preventive bags to avoid
exposure to direct sunlight and fluorescent lamps. Also avoid high temperature and high
humidity environments and low temperatures (less than 0°C) environments. (We recommend
you store these modules in the packaged state when they were shipped from Crystalfontz).
Be careful not to let water drops adhere to the packages or bags, and do not let dew gather
on them.
If electric current is applied when water drops are adhering to the surface of the LCD display
module the LCD display module may have become dewed. If a dewed LCD display module is
placed under high humidity environments it may cause the electrodes to become corroded. If
this happens proceed with caution when handling the LCD display module.
12.4. Designing Precautions
The absolute maximum ratings are the ratings that cannot be exceeded for LCD display
module. If these values are exceeded, panel damage may happen.
To prevent occurrence of malfunctioning by noise pay attention to satisfy the VIL and VIH
specifications and, at the same time, to make the signal line cable as short as possible.
We recommend that you install excess current preventive unit (fuses, etc.) to the power circuit
(VDD). (Recommend value: 0.5A)
Pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring
devices.
As for EMI, take necessary measures on the equipment side.
When fastening the LCD display module, fasten the external plastic housing section.
If the power supply to the LCD display module is forcibly shut down, by such errors as taking
out the main battery while the LCD display panel is in operation, we cannot guarantee the
quality of this LCD display module.
o
Connection (contact) to any other potential than the above may lead to rupture of
the IC.
12.5. Disposing Precautions
Request the qualified companies to handle the industrial wastes when disposing of the LCD
display modules. Or, when burning them, be sure to observe the environmental and hygienic
laws and regulations.
12.6. Other Precautions
When an LCD display module is operated for a long period of time with a fixed pattern, the
fixed pattern may remain as an after image or a slight contrast deviation may occur.


유사한 부품 번호 - CFAF320480C5-035T-TS

제조업체부품명데이터시트상세설명
logo
Crystalfontz America, I...
CFAF320480C4-035T CRYSTAIFONTZ-CFAF320480C4-035T Datasheet
637Kb / 12P
   TFT DISPLAY MODULE
More results

유사한 설명 - CFAF320480C5-035T-TS

제조업체부품명데이터시트상세설명
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
   TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
   TFT DISPLAY MODULE
CFAF240400A0-030T CRYSTAIFONTZ-CFAF240400A0-030T Datasheet
2Mb / 12P
   TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
   TFT DISPLAY MODULE
CFAF320480C4-035T CRYSTAIFONTZ-CFAF320480C4-035T Datasheet
637Kb / 12P
   TFT DISPLAY MODULE
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
CFAF176220U-020T CRYSTAIFONTZ-CFAF176220U-020T Datasheet
354Kb / 13P
   TFT DISPLAY MODULE
CFAF240320E-022T CRYSTAIFONTZ-CFAF240320E-022T Datasheet
289Kb / 12P
   TFT DISPLAY MODULE
CFAF480128A0-039TN CRYSTAIFONTZ-CFAF480128A0-039TN Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com