전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF7012BRU-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADF7012BRU-REEL
상세설명  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF7012BRU-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADF7012BRU-REEL Datasheet HTML 7Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 8Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 9Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 10Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 11Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 12Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 13Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 14Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADF7012
Rev. 0 | Page 11 of 28
915 MHZ
PHASE NOISE (Hz)
–40
–60
–80
–100
–120
–140
–160
–180
–200
1.0k
10.0k
100.0k
1.0M
10.0M
= NORMAL
FREQUENCY = 992.38 kHz
LEVEL = –102.34dBc/Hz
Figure 21. Phase Noise Response–ICP = 1.44 mA, IVCO = 3.0 mA, RFOUT = 915.2
MHz, PFD =10 MHz, Power = 10 dBm, PA Bias = 5.5 mA
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
CENTER 915.190982MHz
50kHz/
SPAN 500kHz
REF LVL
15dBm
3.88dBm
915.19098196MHz
40dB
dBm
RF ATT
UNIT
10kHz
300kHz
15ms
RBW
VBW
SWT
A
1
1MAX
Figure 22. FSK Modulation, Power = 10 dBm, Data Rate = 38.4 kbps,
Fdeviation = ±19.2 kHz
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
SGL
CENTER 915.2MHz
40MHz/
SPAN 400MHz
REF LVL
15dBm
9.94dBm
915.23167977MHz
40dB
dBm
RF ATT
UNIT
10kHz
300kHz
100ms
RBW
VBW
SWT
A
*
1
D1 –49.5dBm
D1 –41.5dBm
Figure 23. Spurious Components—Meets FCC Specs
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
10.25dBm
907.81563126MHz
40dB
dBm
RF ATT
UNIT
50MHz
50MHz
6.4s
RBW
VBW
SWT
A
D1 –41.5dBm
2
3
4
2 [T1]
1 [T1]
10.25dBm
907.81563126MHz
–10.06dBm
1.83126253GHz
3 [T1]
4 [T1]
–20.29dBm
2.74188377GHz
–17.50dBm
3.65250501GHz
1MAX
Figure 24. Harmonic Response, RFOUT Matched to 50
Ω, No Filter
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
9.06dBm
907.81563126MHz
40dB
dBm
RF ATT
UNIT
50MHz
50MHz
6.4s
RBW
VBW
SWT
A
D1 –41.5dBm
2
3
4
2 [T1]
1 [T1]
9.06dBm
907.81563126MHz
–48.40dBm
1.83126253GHz
3 [T1]
4 [T1]
–46.22dBm
2.74188377GHz
–46.96dBm
3.65250501GHz
1MAX
Figure 25. Harmonic Response, Fifth-Order Chebyshev Filter


유사한 부품 번호 - ADF7012BRU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF7012BRU-REEL AD-ADF7012BRU-REEL Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL7 AD-ADF7012BRU-REEL7 Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results

유사한 설명 - ADF7012BRU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com