전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4129 데이터시트(PDF) 1 Page - Rohm

부품명 2SC4129
상세설명  TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SC4129 데이터시트(HTML) 1 Page - Rohm

  2SC4129 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 2SC4129

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SC4129 ISC-2SC4129 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
More results

유사한 설명 - 2SC4129

제조업체부품명데이터시트상세설명
logo
Rohm
2SB1333A ROHM-2SB1333A Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
TT Electronics.
OVS9YBCR7 TTELEC-OVS9YBCR7 Datasheet
712Kb / 4P
   Compatible with automatic placement machine
logo
Kemet Corporation
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
   Automatic Winding Machine for Power Capacitors
2S-268-4 KEMET-2S-268-4 Datasheet
115Kb / 1P
   Automatic Winding Machine for Power Capacitors
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com