전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA278R33CYDTU 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 KA278R33CYDTU
상세설명  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R33CYDTU 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button KA278R33CYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 9Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 10Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 11Page - Fairchild Semiconductor KA278R33CYDTU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
KA278RXXC-SERIES
8
Typical Performance Characteristics (Continued)
KA278R51C
510
15
Input voltage Vin (V)
6
5
4
3
2
1
7
0
0
RL=
RL=2.5
0
5
10
15
20
0
20
40
60
80
100
120
RL=
Input voltage Vin(V)
7
6
5
4
3
0
0
3
Disable voltage Vdis (V)
0.5
1.5
2
1
12
2.5
5.14
5.12
5.10
5.16
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
5.06
5.04
5.02
5.08
10
8
6
4
2
0
Junction temperature Tj(
oC)
75
125
025
50
100
-25
-25
0
25
50
75
100
125
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
2.0A
Junction Temp Tj [
]
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 3. Output Voltage vs. Disable Voltage
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 6. Dropout Voltage vs. Junction Temperature


유사한 부품 번호 - KA278R33CYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA278R33CYDTU FAIRCHILD-KA278R33CYDTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

유사한 설명 - KA278R33CYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com