전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR80U4BB2 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SFR80U4BB2
상세설명  SINGLE-PHASE BRIDGE WITH 2 THYRISTORS ON LINE COMMOM AC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SFR80U4BB2 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SFR80U4BB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR80U4BB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - SFR80U4BB2

제조업체부품명데이터시트상세설명
logo
ML Accessories Limited....
SFR8333NMBB KNIGHTSBRIDGE-SFR8333NMBB Datasheet
203Kb / 1P
   45A DP Switch & 13A Socket with Neons
01/04/2024
SFR8333UMBB KNIGHTSBRIDGE-SFR8333UMBB Datasheet
194Kb / 1P
   45A DP Switch & 13A Switched Socket with Dual USB Charger
01/04/2024
SFR83MNBN KNIGHTSBRIDGE-SFR83MNBN Datasheet
174Kb / 1P
   45A DP Switch & 13A Socket with Neons
03/04/2024
SFR83MNMBB KNIGHTSBRIDGE-SFR83MNMBB Datasheet
164Kb / 1P
   45A DP Switch & 13A Socket with Neons
01/04/2024
SFR83MNPB KNIGHTSBRIDGE-SFR83MNPB Datasheet
183Kb / 1P
   45A DP Switch & 13A Socket with Neons
05/04/2024
More results

유사한 설명 - SFR80U4BB2

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LF2429 SUMIDA-LF2429_16 Datasheet
186Kb / 2P
   AC Commom mode coil
LF2823 SUMIDA-LF2823_16 Datasheet
129Kb / 1P
   AC Commom mode coil
LF2420 SUMIDA-LF2420_16 Datasheet
149Kb / 1P
   AC Commom mode coil
logo
Vishay Siliconix
GSIB2020 VISHAY-GSIB2020 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_14 Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 13-Jun-14
GSIB15A20N VISHAY-GSIB15A20N Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 26-Jun-13
GSIB620N VISHAY-GSIB620N Datasheet
65Kb / 3P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 26-Apr-13
GSIB6A20 VISHAY-GSIB6A20_14 Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 13-Jun-14
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
GSIB1520N VISHAY-GSIB1520N_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com