전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5082-N101-0E000 데이터시트(PDF) 12 Page - Agilent(Hewlett-Packard)

부품명 5082-N101-0E000
상세설명  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-N101-0E000 데이터시트(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button 5082-N101-0E000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Electrical/Optical Characteristics at T
A = 25°C
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
315
600
IF = 1 mA
A10x
3600
IF = 5 mA
330
650
IF = 1 mA
F10x, G10x
3900
IF = 5 mA
390
650
IF = 1 mA
E10x
Luminous Intensity/Segment[1,2]
IV
µcd
(Digit Average)
3900
IF = 5 mA
400
700
IF = 1 mA
H10x, K12x
4200
IF = 5 mA
270
590
IF = 1 mA
N10x, N40x
3500
IF = 5 mA
1.6
IF = 1 mA
Forward Voltage/Segment or DP
VF
1.7
V
IF = 5 mA
1.8
2.2
IF = 20 mA Pk
All Devices
Peak Wavelength
λPEAK
645
nm
Dominant Wavelength[3]
λd
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C
-2 mV
mV/
°C
VF/Segment or DP
A10x
255
F10x, G10x
320
E10x
340
Thermal Resistance LED
R
θJ-PIN
°C/W/Seg
H10x, K12x
Junction-to-Pin
400
N10x, N40x
430
AlGaAs Red


유사한 부품 번호 - 5082-N101-0E000

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
5082-0001 ASI-5082-0001 Datasheet
17Kb / 1P
   SILICON PIN DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
   PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results

유사한 설명 - 5082-N101-0E000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com