전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5082-N101-0E000 데이터시트(PDF) 14 Page - Agilent(Hewlett-Packard)

부품명 5082-N101-0E000
상세설명  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-N101-0E000 데이터시트(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button 5082-N101-0E000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 5082-N101-0E000 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
250
420
IF = 4 mA
(Digit Average)
IV
mcd
1300
IF = 10 mA
1.7
IF = 4 mA
Forward Voltage/Segment or DP
VF
1.8
V
IF = 5 mA
A80x
2.1
2.5
IF = 20 mA Pk
Peak Wavelength
λPEAK
583
nm
Dominant Wavelength[3,5]
λd
581.5
5 8 5
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
3 0
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θJ-PIN
200
°C/W
Junction-to-Pin
Yellow
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
250
475
IF = 4 mA
(Digit Average)
IV
mcd
1500
IF = 10 mA
1.9
IF = 4 mA
Forward Voltage/Segment or DP
VF
2.0
V
IF = 10 mA
A90x
2.1
2.5
IF = 20 mA Pk
Peak Wavelength
λPEAK
566
nm
Dominant Wavelength[3,5]
λd
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
3 0
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θJ-PIN
200
°C/W
Junction-to-Pin
Green
Notes:
1. Device case temperature is 25
°C prior to the intensity measurement.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. The yellow (HDSP-A800) and Green (HDSP-A900) displays are categorized for dominant wavelength. The category is designated by a
number adjacent to the luminous intensity category letter.


유사한 부품 번호 - 5082-N101-0E000

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
5082-0001 ASI-5082-0001 Datasheet
17Kb / 1P
   SILICON PIN DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
   PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results

유사한 설명 - 5082-N101-0E000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com