전자부품 데이터시트 검색엔진 |
|
MSAU323 데이터시트(PDF) 5 Page - Minmax Technology Co., Ltd. |
|
MSAU323 데이터시트(HTML) 5 Page - Minmax Technology Co., Ltd. |
5 / 5 page The MSAU300 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability. NA: Not Available for Electrical Connection NA NA 12 NA NA 11 NA NA 10 +Vout +Vout 8 UL94V-0 : Flammability NA NA 7 -Vout NA 6 2.2g : Weight Common -Vout 5 NA NA 3 Molding : Case Material +Vin +Vin 2 -Vin -Vin 1 15.3*8.0*7.0 mm 0.60*0.31*0.27 inches : Case Size Dual Output Single Output Pin Physical Characteristics Pin Connections {0.002 {0.05 Pin X.XXX{0.005 X.XX{0.13 X.XX{0.01 X.X{0.25 Inches Millimeters Tolerance 15.24 2.54 5.08 2.54 2.54 1.27 1.0 14.8[0.58] 14.3[0.56] 6.7[0.26] 7.0[0.27] 9.2[0.36] 11.2[0.44] 8.0[0.31] 0.6[0.023] C1.0 0 ~4 15.3[0.60] 2.54[0.100] 1.3 2.54 2.54 5.08 2.54 1.0 [0.100] [0.100] [0.200] [0.05] [0.100] 12 3 5 6 7 8 10 11 12 Connecting Pin Patterns Top View (2.54 mm / 0.1 inch grids) Mechanical Dimensions MSAU300 Series REV:0 2005/04 MINMAX 5 |
유사한 부품 번호 - MSAU323 |
|
유사한 설명 - MSAU323 |