전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP139DW 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100EP139DW
상세설명  첨2/4, 첨4./5/6 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DW 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100EP139DW Datasheet HTML 1Page - ON Semiconductor MC100EP139DW Datasheet HTML 2Page - ON Semiconductor MC100EP139DW Datasheet HTML 3Page - ON Semiconductor MC100EP139DW Datasheet HTML 4Page - ON Semiconductor MC100EP139DW Datasheet HTML 5Page - ON Semiconductor MC100EP139DW Datasheet HTML 6Page - ON Semiconductor MC100EP139DW Datasheet HTML 7Page - ON Semiconductor MC100EP139DW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EP139
http://onsemi.com
4
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V, VEE = –5.5V to –3.0V) (Note 3.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 1.)
70
85
100
70
90
105
75
95
110
mA
VOH
Output HIGH Voltage
(Note 2.)
–1250
–1100
–895
–1250
–1100
–895
–1250
–1100
–895
mV
VOL
Output LOW Voltage
(Note 2.)
–1995
–1850
–1650
–1995
–1850
–1650
–1995
–1850
–1650
mV
VIH
Input HIGH Voltage Single Ended
–1022
–1022
–1022
mV
VIL
Input LOW Voltage Single Ended
–1642
–1642
–1642
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
CLK
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC –2.0 volts.
3. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, LVPECL (VCC = 3.3V ± 0.3V, VEE = 0V) (Note 6.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 4.)
70
83
100
70
87
105
75
90
110
mA
VOH
Output HIGH Voltage
(Note 5.)
2050
2200
2405
2050
2200
2405
2050
2200
2405
mV
VOL
Output LOW Voltage
(Note 5.)
1305
1450
1650
1305
1450
1650
1305
1450
1650
mV
VIH
Input HIGH Voltage Single Ended
2277
2277
2277
mV
VIL
Input LOW Voltage Single Ended
1657
1657
1657
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
CLK
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
4. VCC = 3.0V, VEE = 0V, all other pins floating.
5. All loading with 50 ohms to VCC –2.0 volts.
6. Input and output parameters vary 1:1 with VCC.


유사한 부품 번호 - MC100EP139DW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP139DW ONSEMI-MC100EP139DW Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100EP139DW ONSEMI-MC100EP139DW Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DWG ONSEMI-MC100EP139DWG Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DWG ONSEMI-MC100EP139DWG Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC100EP139DWR2 ONSEMI-MC100EP139DWR2 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
More results

유사한 설명 - MC100EP139DW

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com