전자부품 데이터시트 검색엔진 |
|
SST89V58RD2 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc |
|
SST89V58RD2 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc |
1 / 91 page ©2004 Silicon Storage Technology, Inc. S71255-00-000 3/04 1 The SST logo, SuperFlash, and FlashFlex are registered trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice. Preliminary Specifications FEATURES: • 8-bit 8051-Compatible Microcontroller (MCU) with Embedded SuperFlash Memory – Fully Software Compatible – Development Toolset Compatible – Pin-For-Pin Package Compatible • SST89E5xxRD2 Operation – 0 to 40 MHz at 5V • SST89V5xxRD2 Operation – 0 to 33 MHz at 3V • 1 KByte Internal RAM • Dual Block SuperFlash EEPROM – 8/16/32/64 KByte primary block + 8 KByte secondary block (128-Byte sector size for both blocks) – Individual Block Security Lock with SoftLock – Concurrent Operation during In-Application Programming (IAP) – Memory Overlay for Interrupt Support during IAP • Support External Address Range up to 64 KByte of Program and Data Memory • Three High-Current Drive Ports (16 mA each) • Three 16-bit Timers/Counters • Full-Duplex, Enhanced UART – Framing Error Detection – Automatic Address Recognition • Ten Interrupt Sources at 4 Priority Levels – Four External Interrupt Inputs • Programmable Watchdog Timer (WDT) • Programmable Counter Array (PCA) • Four 8-bit I/O Ports (32 I/O Pins) and One 4-bit Port • Second DPTR register • Low EMI Mode (Inhibit ALE) • SPI Serial Interface • Standard 12 Clocks per cycle, the device has an option to double the speed to 6 clocks per cycle. • TTL- and CMOS-Compatible Logic Levels • Brown-out Detection • Low Power Modes – Power-down Mode with External Interrupt Wake-up – Idle Mode • Temperature Ranges: – Commercial (0°C to +70°C) – Industrial (-40°C to +85°C) • Packages Available – 44-lead PLCC – 40-pin PDIP (Port 4 feature not available) – 44-lead TQFP PRODUCT DESCRIPTION The SST89E5xxRD2 and SST89V5xxRD2 are members of the FlashFlex51 family of 8-bit microcontroller products designed and manufactured with SST’s patented and pro- prietary SuperFlash CMOS semiconductor process tech- nology. The split-gate cell design and thick-oxide tunneling injector offer significant cost and reliability benefits for SST’s customers. The devices use the 8051 instruction set and are pin-for-pin compatible with standard 8051 microcontrol- ler devices. The devices come with 16/24/40/72 KByte of on-chip flash EEPROM program memory which is partitioned into 2 independent program memory blocks. The primary Block 0 occupies 8/16/32/64 KByte of internal program memory space and the secondary Block 1 occupies 8 KByte of internal program memory space. The 8-KByte secondary block can be mapped to the lowest location of the 8/16/32/64 KByte address space; it can also be hidden from the program counter and used as an inde- pendent EEPROM-like data memory. In addition to the 16/24/40/72 KByte of EEPROM program memory on-chip, the devices can address up to 64 KByte of external program memory. In addition to 1024 x8 bits of on-chip RAM, up to 64 KByte of external RAM can be addressed. The flash memory blocks can be programmed via a stan- dard 87C5x OTP EPROM programmer fitted with a special adapter and the firmware for SST’s devices. During power- on reset, the devices can be configured as either a slave to an external host for source code storage or a master to an external host for an in-application programming (IAP) oper- ation. The devices are designed to be programmed in-sys- tem and in-application on the printed circuit board for maximum flexibility. The devices are pre-programmed with an example of the bootstrap loader in the memory, demon- strating the initial user program code loading or subsequent user code updating via the IAP operation. The sample bootstrap loader is available for the user’s reference and convenience only; SST does not guarantee its functionality or usefulness. Chip-Erase or Block-Erase operations will erase the pre-programmed sample code. FlashFlex51 MCU SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2 SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2 SST89E/V516 / 58 / 54 / 52RD2 FlashFlex51 MCU |
유사한 부품 번호 - SST89V58RD2 |
|
유사한 설명 - SST89V58RD2 |