전자부품 데이터시트 검색엔진 |
|
SST89E52RD2-40-C-NJE 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc |
|
SST89E52RD2-40-C-NJE 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc |
10 / 91 page 10 Preliminary Specifications FlashFlex51 MCU SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2 SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2 ©2004 Silicon Storage Technology, Inc. S71255-00-000 3/04 P3[3] I INT1#: External Interrupt 1 Input P3[4] I T0: External count input to Timer/Counter 0 P3[5] I T1: External count input to Timer/Counter 1 P3[6] O WR#: External Data Memory Write strobe P3[7] O RD#: External Data Memory Read strobe PSEN# I/O Program Store Enable: PSEN# is the Read strobe to External Program Store. When the device is executing from Internal Program Memory, PSEN# is inactive (VOH). When the device is executing code from External Program Memory, PSEN# is activated twice each machine cycle, except when access to External Data Memory while one PSEN# activation is skipped in each machine cycle. A forced high-to-low input transition on the PSEN# pin while the RST input is continually held high for more than ten machine cycles will cause the device to enter External Host mode for programming. RST I Reset: While the oscillator is running, a high logic state on this pin for two machine cycles will reset the device. After a reset, if the PSEN# pin is driven by a high-to-low input transition while the RST input pin is held high, the device will enter the External Host mode, otherwise the device will enter the Normal operation mode. EA# I External Access Enable: EA# must be driven to VIL in order to enable the device to fetch code from the External Program Memory. EA# must be driven to VIH for internal program execution. However, Security lock level 4 will disable EA#, and program execution is only possible from internal program memory. The EA# pin can tolerate a high voltage2 of 12V. ALE/PROG# I/O Address Latch Enable: ALE is the output signal for latching the low byte of the address during an access to external memory. This pin is also the programming pulse input (PROG#) for flash programming. Normally the ALE3 is emitted at a constant rate of 1/6 the crystal frequency4 and can be used for external timing and clocking. One ALE pulse is skipped during each access to external data memory. However, if AO is set to 1, ALE is dis- abled. P4[3:0]5 I/O with internal pull-ups Port 4: Port 4 is an 4-bit bi-directional I/O port with internal pull-ups. The port 4 output buff- ers can drive LS TTL inputs. Port 4 pins are pulled high by the internal pull-ups when ‘1’s are written to them and can be used as inputs in this state. As inputs, port 4 pins that are exter- nally pulled low will source current because of the internal pull-ups. P4[0] I/O Bit 0 of port 4 P4[1] I/O Bit 1 of port 4 P4[2] / INT3# I/O Bit 2 of port 4 / INT3# External interrupt 3 input P4[3] / INT2# I/O Bit 3 of port 4 / INT2# External interrupt 2 input XTAL1 I Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator circuits. XTAL2 O Crystal 2: Output from the inverting oscillator amplifier VDD I Power Supply VSS I Ground T2-1.0 1255 1. I = Input; O = Output 2. It is not necessary to receive a 12V programming supply voltage during flash programming. 3. ALE loading issue: When ALE pin experiences higher loading (>30pf) during the reset, the MCU may accidentally enter into modes other than normal working mode. The solution is to add a pull-up resistor of 3-50 K Ω to VDD, e.g. for ALE pin. 4. For 6 clock mode, ALE is emitted at 1/3 of crystal frequency. 5. Port 4 is not present on the PDIP package. TABLE 2-1: PIN DESCRIPTIONS (CONTINUED) (2 OF 2) Symbol Type1 Name and Functions |
유사한 부품 번호 - SST89E52RD2-40-C-NJE |
|
유사한 설명 - SST89E52RD2-40-C-NJE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |