전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU-65179F0 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 BU-65179F0
상세설명  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

BU-65179F0 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BU-65179F0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 9Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 10Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 11Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
ORDERING INFORMATION
BU-61588F3-11XX
Supplemental Process Requirements:
S = Pre-Cap Source Inspection
L = Pull Test
Q = Pull Test and Pre-Cap Source Inspection
K = One Lot Date Code
W = One Lot Date Code and Pre-Cap Source Inspection
Y = One Lot Date Code and 100% Pull Test
Z = One Lot Date Code, Pre-Cap Source Inspection and 100% Pull Test
Blank = None of the Above
Test Criteria:
0 = Standard Testing
2 = MIL-STD-1760 Amplitude Compliant - Applies to +5 Volt Transceiver Option Only
Process Requirements:
0 = Standard DDC processing, no Burn-In (See table on next page)
1 = MIL-PRF-38534 Compliant
2 = B*
3 = MIL-PRF-38534 Compliant with PIND Testing
4 = MIL-PRF-38534 Compliant with Solder Dip
5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip
6 = B* with PIND Testing
7 = B* with Solder Dip
8 = B* with PIND Testing and Solder Dip
9 = Standard DDC Processing with Solder Dip, no Burn-In (See table on next page)
Temperature Range/Data Requirements:
1 = -55°C to +125°C
2 = -40°C to +85°C
3 = 0°C to +70°C
4 = -55°C to +125°C with Variables Test Data
5 = -40°C to +85°C with Variables Test Data
8 = 0°C to +70°C with Variables Test Data
Voltage/Transceiver Option:
0 = No Transceivers
3 = +5 Volts, rise/fall times=100 to 300 ns (-1553B) (See Test Criteria - 1760 Compliant with option -XX2)
Package Type:
F = 72-Pin Quad Flat Pack
P = 81-Pin PGA
G = 72-Pin Gull Lead (Contact factory.)
Product Type:
65178 = RT Only, 16/12 MHz, 4K RAM
61588 = BC/RT/MT, 16/12 MHz, 4K RAM
65179 = RT/RT_BOOT, 10/12/16/20 MHz, 4K RAM
61688 = BC/RT/MT, 12/16 MHz, 64K RAM
61689 = BC/RT/MT, 10/20 MHz, 64K RAM
*Standard DDC Processing with burn-in and full temperature test, see table on next page.


유사한 부품 번호 - BU-65179F0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-651-0 ETC2-BU-651-0 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-651-2 ETC2-BU-651-2 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
More results

유사한 설명 - BU-65179F0

제조업체부품명데이터시트상세설명
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com