전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EPT26DT 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC100EPT26DT
상세설명  1:2 Fanout Differential LVPECL to LVTTL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT26DT 데이터시트(HTML) 2 Page - ON Semiconductor

  MC100EPT26DT Datasheet HTML 1Page - ON Semiconductor MC100EPT26DT Datasheet HTML 2Page - ON Semiconductor MC100EPT26DT Datasheet HTML 3Page - ON Semiconductor MC100EPT26DT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC100EPT26
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Power Supply (GND = 0V)
0 to 3.8
VDC
VI
Input Voltage (GND = 0V, VI not more positive than VCC)
0 to 3.8
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source Current{
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
190
130
°C/W
θJC
Thermal Resistance (Junction–to–Case)
41 to 44
± 5%
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
{ Use for inputs of same package only.
DC CHARACTERISTICS (VCC = 3.3V ± 0.3V; GND = 0V; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
ICCH
Power Supply Current (Outputs set to HIGH)
10
20
18
mA
ICCL
Power Supply Current (Outputs set to LOW)
15
28
35
mA
VIH
Input HIGH Voltage (VCC = 3.3) (Note 1.)
2135
2420
mV
VIL
Input LOW Voltage (VCC = 3.3) (Note 1.)
1490
1825
mV
IIH
Input HIGH Current
150
µA
IIL
Input LOW Current
D
D
–150
0.5
µA
VOH
Output HIGH Voltage (IOH = –3.0mA) (Note 2.)
2.4
V
VOL
Output LOW Voltage (IOL = 24mA) (Note 2.)
0.5
V
IOS
Output Short Circuit Current
–50
–150
mA
VIHCMR Input HIGH Voltage Common Mode Range (Note 3.)
2.0
3.3
V
VBB
Output Voltage Reference
2.0
V
NOTE: 100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
1. All values vary 1:1 with VCC.
2. All loading with 500 ohms to GND, CL = 20pF.
3. VIHCMR min varies 1:1 with GND, max varies 1:1 with VCC.
AC CHARACTERISTICS (VCC = 3.3V ± 0.3V; GND = 0V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency (Note 4.)
275
350
275
350
275
350
MHz
tPLH,
tPHL
Propagation Delay to
Output Differential (Note 5.)
1.2
1.2
1.5
1.5
1.8
1.8
1.2
1.2
1.5
1.5
1.8
1.8
1.3
1.2
1.7
1.5
2.2
1.8
ns
tSK+ +
tSK– –
tSKPP
Output–to–Output Skew++
Output–to–Output Skew– –
Part–to–Part Skew (Note 6.)
60
25
500
60
25
500
60
25
500
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Voltage Swing (Diff.)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
(0.8V – 2.0V)
Q, Q
330
600
900
330
600
900
330
650
900
ps
4. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
5. Reference (VCC = 3.3V ± 5%, GND = 0V)
6. Skews are measured between outputs under identical transitions.


유사한 부품 번호 - MC100EPT26DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EPT26DT ONSEMI-MC100EPT26DT Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26DTG ONSEMI-MC100EPT26DTG Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26DTG ONSEMI-MC100EPT26DTG Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
MC100EPT26DTR2 ONSEMI-MC100EPT26DTR2 Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26DTR2G ONSEMI-MC100EPT26DTR2G Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
More results

유사한 설명 - MC100EPT26DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EPT26 ONSEMI-MC100EPT26_06 Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
logo
Micrel Semiconductor
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
   3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
   3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com