전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2124 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FPF2124
상세설명  IntelliMAX Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2124 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FPF2124 Datasheet HTML 1Page - Fairchild Semiconductor FPF2124 Datasheet HTML 2Page - Fairchild Semiconductor FPF2124 Datasheet HTML 3Page - Fairchild Semiconductor FPF2124 Datasheet HTML 4Page - Fairchild Semiconductor FPF2124 Datasheet HTML 5Page - Fairchild Semiconductor FPF2124 Datasheet HTML 6Page - Fairchild Semiconductor FPF2124 Datasheet HTML 7Page - Fairchild Semiconductor FPF2124 Datasheet HTML 8Page - Fairchild Semiconductor FPF2124 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FPF2123-FPF2125 Rev. C
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz copper board.
Parameter
Symbol
Conditions
Min.
Typ.
Max
Units
Dynamic
Turn on time
tON
RL=500Ω, CL=0.1uF
25
µs
Turn off time
tOFF
RL=500Ω, CL=0.1uF
70
µs
VOUT Rise Time
tR
RL=500Ω, CL=0.1uF
12
µs
VOUT Fall Time
tF
RL=500Ω, CL=0.1uF
200
µs
Over Current Blanking Time
tBLANK
FPF2123, FPF2124
510
20
ms
Auto-Restart Time
tRESTART
FPF2123
80
160
320
ms
FPF2124, FPF2125
NA
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3
µs
VIN = VON = 3.3V. Hard Short.
20
ns


유사한 부품 번호 - FPF2124

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2124 FAIRCHILD-FPF2124 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2124 ONSEMI-FPF2124 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
More results

유사한 설명 - FPF2124

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com