전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB8850210 데이터시트(PDF) 5 Page - celduc-relais

부품명 SMB8850210
상세설명  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMB8850210 데이터시트(HTML) 5 Page - celduc-relais

  SMB8850210 Datasheet HTML 1Page - celduc-relais SMB8850210 Datasheet HTML 2Page - celduc-relais SMB8850210 Datasheet HTML 3Page - celduc-relais SMB8850210 Datasheet HTML 4Page - celduc-relais SMB8850210 Datasheet HTML 5Page - celduc-relais SMB8850210 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
page 5 / 6 GB/F
S/SMB8650510/A/15/03/2017
Sightpac
®
r
e
l
a
i
s
www.celduc.com
celduc8
Connections / Raccordement:
cel3pac
®
Power wiring / Raccordement de puissance
1
Number of wires / Nombre de fils
2
Screwdriver type /
Modèle de tournevis
Couple de serrage
recommandé
Vis M5
SOLID
(No ferrule)
Fil rigide
(sans embout)
AWG16....AWG8
1,5 ... 10 mm
2
FINE STRANDED
(With ferrule)
Fil multibrins
(avec embout)
SOLID
(No ferrule)
Fil rigide
(sans embout)
AWG16....AWG10
1,5 ... 6 mm
2
AWG16....AWG8
1,5 ... 10 mm
2
FINE STRANDED
(With ferrule)
Fil multibrins
(avec embout)
AWG16....AWG10
1,5 ... 6 mm
2
POZIDRIV 2
Recommended tightening
torque
M5 screw
N.m
Mini 2 / Typ 2.4 / Max 3
IP20 flaps / Volets IP20
Flaps are delivered mounted on the relay.
Les volets sont montés en standard en usine
Labels / Etiquettes
Marking labels are available,
for mounting on flaps.
Part number : 1MZ09000
(delivered per 200 parts)
Des étiquettes de repérage sont aussi disponibles.
Quantités par 200 pièces
Montage sur volets (1MZ09000).
Power with ring terminal
/Puissance avec cosses
W max =12,6mm
16 mm
2 (AWG6)
25 mm
2 (AWG4)
35mm
2 (AWG2 /AWG3)
50mm
2 (AWG0 /AWG1)
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
With ring terminals,wires with or without ferrules /
Avec cosses ou directement avec fil avec ou sans embouts
Commande / Control
SM relay is delivered in standard with a pluggable control connector
with a celduc reference 1Y020915 /
Weidmuller BLZ5,08/2/90SN SW code 155 271 0000.
Wiring : 0,13 ... 3,3 mm
2/ AWG26....AWG12
Flat Screwdriver
Le relais SM est livré en standard avec un connecteur de commande
2 points débrochable référence celduc 1Y020915 /
Weidmuller BLZ5,08/2/90SN SW code 155 271 0000.
Raccordement de fils : 0,13 ... 3,3 mm
2 / AWG26....AWG12
Tournevis plat


유사한 부품 번호 - SMB8850210

제조업체부품명데이터시트상세설명
logo
MIC GROUP RECTIFIERS
SMB8.0 MIC-SMB8.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMB8.0A MIC-SMB8.0A Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Lite-On Technology Corp...
SMB8.2 LITEON-SMB8.2 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMB8.2 LUGUANG-SMB8.2 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB8.2A LITEON-SMB8.2A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SMB8850210

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGB8890200 CELDUC-SGB8890200 Datasheet
678Kb / 6P
   Three phase power solid state relay
SGT759370 CELDUC-SGT759370 Datasheet
192Kb / 2P
   Three phase power solid state relay
SGT8850200 CELDUC-SGT8850200 Datasheet
701Kb / 6P
   Three phase power solid state relay
SGT8859200 CELDUC-SGT8859200 Datasheet
674Kb / 6P
   Three phase power solid state relay
SGT9834300 CELDUC-SGT9834300 Datasheet
713Kb / 6P
   Three phase power solid state relay
SGT9874300 CELDUC-SGT9874300 Datasheet
711Kb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com