전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT8628521 데이터시트(PDF) 1 Page - celduc-relais

부품명 SMT8628521
상세설명  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMT8628521 데이터시트(HTML) 1 Page - celduc-relais

  SMT8628521 Datasheet HTML 1Page - celduc-relais SMT8628521 Datasheet HTML 2Page - celduc-relais SMT8628521 Datasheet HTML 3Page - celduc-relais SMT8628521 Datasheet HTML 4Page - celduc-relais SMT8628521 Datasheet HTML 5Page - celduc-relais SMT8628521 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
page 1 / 6F/GB
S/SMT8628521/A/27/03/2017
Sightpac
®
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
®
r
e
l
a
i
s
Proud to serve you
Relais statique triphasé
de puissance
Three phase power solid state relay
SMT8628521
→ Zero Cross Solid State Relay especially designed for most types of loads.
→ Over-Voltage protection on input (transil) and output (RC+VDR).
→ Double Push-in spring power terminals.
→ Large control range: 24-255VAC/DC with input current limiter.
Green LED visualization on the input.
→ Designed in conformity with IEC/ EN60947-4-3 and IEC/ EN60947-4-2.
→ Built in IP20.
Output / Sortie: 24-520VAC
Input / Entrée: 24-255VAC/DC
25A / 1200Vpeak Triac.
AC51: 3x17A (resistive / resistive).
AC53: 3x5A (motor / moteur).
Synoptique / Synoptic:
1/L1
3/L2
5/L3
2/T1
4/T2
6/T3
Organe de protection/
Protection equipment
7/A2
8/A1
Alimentation AC/DC /
AC/DC
supply
(
(
)
)
DC supply /
Alimentation DC
Motor or resistive load /
Charge moteur ou résistive
L1
L2
L3
Application typique / Typical application:
→ Relais statique synchrone spécialement adapté à la plupart des charges.
→ Protection en tension sur l'entrée (transil) et sur la sortie (VDR+RC).
→ Connecteurs de puissance ressort type "push-in" doublés.
→ Large plage de contrôle: 24-255VAC/DC avec un courant de commande régulé.
LED de visualisation sur l'entrée de couleur verte.
→ Construit en conformité aux normes IEC/EN60947-4-3 et IEC/EN60947-4-2.
→ Protection contre le toucher IP20.
1/L1
7/A2
2/T1
3/L2
4/T2
5/L3
6/T3
8/A1
~
~


유사한 부품 번호 - SMT8628521

제조업체부품명데이터시트상세설명
logo
celduc-relais
SMT8628520 CELDUC-SMT8628520 Datasheet
638Kb / 6P
   Three phase power solid state relay
More results

유사한 설명 - SMT8628521

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGB8890200 CELDUC-SGB8890200 Datasheet
678Kb / 6P
   Three phase power solid state relay
SGT759370 CELDUC-SGT759370 Datasheet
192Kb / 2P
   Three phase power solid state relay
SGT8850200 CELDUC-SGT8850200 Datasheet
701Kb / 6P
   Three phase power solid state relay
SGT8859200 CELDUC-SGT8859200 Datasheet
674Kb / 6P
   Three phase power solid state relay
SGT9834300 CELDUC-SGT9834300 Datasheet
713Kb / 6P
   Three phase power solid state relay
SGT9874300 CELDUC-SGT9874300 Datasheet
711Kb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com