전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN842100 데이터시트(PDF) 3 Page - celduc-relais

부품명 SN842100
상세설명  Solid State Relay for printed circuit board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SN842100 데이터시트(HTML) 3 Page - celduc-relais

  SN842100 Datasheet HTML 1Page - celduc-relais SN842100 Datasheet HTML 2Page - celduc-relais SN842100 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S/MOD/SN842x00/E/10/01/2003
page 3 / 3 F/GB
A
A
A
AC
C
C
C
A
A
A
AC
C
C
C
+
+
+
+
----
Uc
Ic
Load
Ph
Voltage protection :
An external voltage protection by VDR is advised in case of overvoltages on the mains.
The input of these relays is built with a
current regulator . In case of overvoltages ,
the input can be damaged.
So don't put a coil of an electromechanical
relay in parallel with the input without
voltage protection.
r
e
l
a
i
s
www.celduc.com
celduc®
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19


유사한 부품 번호 - SN842100

제조업체부품명데이터시트상세설명
logo
ML Accessories Limited....
SN8420 KNIGHTSBRIDGE-SN8420 Datasheet
154Kb / 1P
    20A Junction Box 4-Terminal - White (79mm)
26/03/2024
SN8420B KNIGHTSBRIDGE-SN8420B Datasheet
186Kb / 1P
    20A Junction Box 4-Terminal - Black (79mm)
26/03/2024
More results

유사한 설명 - SN842100

제조업체부품명데이터시트상세설명
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKL10220 CELDUC-SKL10220 Datasheet
202Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com