전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZ189538 데이터시트(PDF) 1 Page - celduc-relais

부품명 UZ189538
상세설명  SINGLE CONTROL MAGNET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

UZ189538 데이터시트(HTML) 1 Page - celduc-relais

  UZ189538 Datasheet HTML 1Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
page 1 / 1 F/GB
P/AIM/UZ189538/A/22/12/2014
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc®
5 Rue Ampère B.P. 30004 42290 SORBIERS - FRANCE
www.celduc.com E-Mail : celduc relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Caractéristiques / Data
Aimants Ferrite aimantés suivant la longueur / Ferrite magnets magnetized along the length
Température max pour les aimants nus / Max temperature ( single magnets )
250 °C
Champ coercitif "Hc" / Coercitivity
222 à 238 KA/m
2,8 à 3,0 kOe
Rémanence "Br" / Remamence
0,38 à 0,4 T
Attention ! ne pas frotter les aimants les uns contre les autres ou contre un autre élément
ferromagnétique /Warning ! don't slide magnets themselves or against other ferromagnetic element
AIMANT DE COMMANDE NU
SINGLE CONTROL MAGNET
Dimensions / Outlines (mm)
Aimant nu / Single magnet
Pour d'autres dimensions , nous consulter / For others, please contact us
UZ189538
(aimant ferrite / ferrite magnet)
18 ±0,2
+0,2
3,8 -0,5
9,5 ±0,2
Pôle nord marqué en blanc / North pole stamped in white


유사한 부품 번호 - UZ189538

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UZ18BS ETC1-UZ18BS Datasheet
159Kb / 4P
   Low reverse leakage, Low zener impedance
logo
Unisonic Technologies
UZ18C UTC-UZ18C Datasheet
159Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8 UTC-UZ18C6V8 Datasheet
243Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8G-S20-R UTC-UZ18C6V8G-S20-R Datasheet
243Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8L-S20-R UTC-UZ18C6V8L-S20-R Datasheet
243Kb / 4P
   18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - UZ189538

제조업체부품명데이터시트상세설명
logo
celduc-relais
UR315000 CELDUC-UR315000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
UB105000 CELDUC-UB105000 Datasheet
38Kb / 1P
   SINGLE CONTROL MAGNET
UP051508 CELDUC-UP051508 Datasheet
188Kb / 1P
   SINGLE CONTROL MAGNET
U315P003 CELDUC-U315P003 Datasheet
38Kb / 1P
   SINGLE CONTROL MAGNET
PA320000 CELDUC-PA320000 Datasheet
154Kb / 1P
   CONTROL MAGNET
P6250000 CELDUC-P6250000 Datasheet
186Kb / 1P
   MOULDED CONTROL MAGNET
P4159000 CELDUC-P4159000 Datasheet
172Kb / 1P
   MOULDED CONTROL MAGNET
PT505000 CELDUC-PT505000 Datasheet
178Kb / 1P
   MOULDED CONTROL MAGNET
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
   Magnet
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com