전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01005X1R0M100CT 데이터시트(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

부품명 01005X1R0M100CT
상세설명  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01005X1R0M100CT 데이터시트(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  01005X1R0M100CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01005X1R0M100CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
◙ Constructions
◙ Storage and handling conditions
(1) To store products at 5 to 40
°C ambient temperature and 20 to 70%. related humidity conditions.
(2) The product is recommended to be used within one year after shipment. Check solderability in case of shelf life
extension is needed.
Cautions:
a. The corrosive gas reacts on the terminal electrodes of capacitors, and results in the poor solderability.
Do not store the capacitors in the ambience of corrosive gas (e.g., hydrogen sulfide, sulfur dioxide,
chlorine, ammonia gas etc.)
b. In corrosive atmosphere, solderability might be degraded, and silver migration might occur to cause low
reliability.
c.
Due to the dewing by rapid humidity change, or the photochemical change of the terminal electrode by
direct sunlight,the solderability and electrical performance may deteriorate. Do not store capacitors under
direct sunlight or dewing condition. To store products on the shelf and avoid exposure to moisture.
◙ Recommended soldering conditions
The lead-free termination MLCCs are not only to be used on SMT against lead-free solder paste, but also suitable
against lead-containing solder paste. If the optimized solder joint is requested, increasing soldering time, temperature and
concentration of N2 within oven are recommended.
Fig. 4 The construction of MLCC
No.
Name
NP0
X7R, X5R
1
Ceramic material
CaZrO3 based
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn (Matt)
Fig. 5 Recommended reflow soldering profile for SMT process
with SnAgCu series solder paste.


유사한 부품 번호 - 01005X1R0M100CT

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
01000 VICOR-01000 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
01000-03 VICOR-01000-03 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
List of Unclassifed Man...
010000 ETC2-010000 Datasheet
53Kb / 1P
   Packaged part Bulk part
logo
Littelfuse
01000020 LITTELFUSE-01000020 Datasheet
549Kb / 1P
   Pb 100/445/030/520 Series, P.C. Board Type for 5mm Diameter Fuses
01000020Z LITTELFUSE-01000020Z Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
More results

유사한 설명 - 01005X1R0M100CT

제조업체부품명데이터시트상세설명
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com