전자부품 데이터시트 검색엔진 |
|
HCPL-0370 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HCPL-0370 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 13 page 2 diodes to protect the buffer and LED from a wide range of over- voltage and over-current transients. Because threshold sensing is done prior to driving the LED, variations in optical coupling from the LED to the detector will have no effect on the threshold levels. The HCPL-0370/3700's input buffer IC has a nominal turn on threshold of 2.5 mA (I TH +) and 3.7 volts (V TH +). The buffer IC for the HCPL-3760 was redesigned to permit a lower input current. The nominal turn on threshold for the HCPL-3760 is 1.2 mA (I TH +) and 3.7 volts (V TH +). The high gain output stage features an open collector output providing both TTL compatible saturation voltages and CMOS compatible breakdown voltages. By combining several unique functions in a single package, the user is provided with an ideal component for industrial control computer input boards and other applications where a predeter- mined input threshold level is desirable. Ordering Information Specify Part Number followed by Option Number (if desired) Example HCPL-0370#XXXX No option = SO8 Package. 500 = Tape/Reel Package Option (1 K min.). XXXE = Lead Free Option. HCPL-37x0#XXXX 020 = 5000 V rms/1 minute UL Rating Option. 300 = Gull Wing Surface Mount Option. 500 = Tape/Reel Package Option (1 K min.). XXXE = Lead Free Option. Option data sheets available. Contact your Agilent sales representative or authorized distributor for information. Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “–” Schematic |
유사한 부품 번호 - HCPL-0370 |
|
유사한 설명 - HCPL-0370 |