전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10136 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10136
상세설명  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10136 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10136 Datasheet HTML 1Page - ON Semiconductor MC10136 Datasheet HTML 2Page - ON Semiconductor MC10136 Datasheet HTML 3Page - ON Semiconductor MC10136 Datasheet HTML 4Page - ON Semiconductor MC10136 Datasheet HTML 5Page - ON Semiconductor MC10136 Datasheet HTML 6Page - ON Semiconductor MC10136 Datasheet HTML 7Page - ON Semiconductor MC10136 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10136
3–29
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
138
100
125
138
mAdc
Input Current
IinH
5,6,11,12
7
9,10
13
350
425
390
460
220
265
245
290
220
265
245
290
µAdc
IinL
All
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
14 (2.)
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
14 (2.)
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
14 (2.)
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
14 (2.)
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Clock Input
t13+14+
t13+14–
t13+4+
t13+4–
14
14
4
4
0.8
0.8
2.0
2.0
4.8
4.8
10.9
10.9
1.0
1.0
2.5
2.5
3.3
3.3
7.0
7.0
4.5
4.5
10.5
10.5
1.4
1.4
2.4
2.4
5.0
5.0
11.5
11.5
Carry In to Carry Out
t10–4–
t10+4+
4 (3.)
4
1.6
1.6
7.4
7.4
1.6
1.6
5.0
5.0
6.9
6.9
1.9
1.9
7.5
7.5
Setup Time
Data Inputs
t12+13+
t12–13+
14
14
3.5
3.5
3.5
3.5
3.5
3.5
Select Inputs
t9+13+
t7+13+
14
14
6.0
6.0
6.0
6.0
6.0
6.0
Carry In Input
t10–13+
t10+13+
14
14
2.5
1.5
2.5
1.5
3.0
1.5
Hold Time
Data Inputs
t13+12+
t13+12–
14
14
0
0
0
0
0
0
Select Inputs
t13+9+
t13+7+
14
14
–1.0
–1.0
–1.0
–1.0
–1.0
–1.0
Carry In Input
t13+10–
t13+10+
14
14
0
0
0
0
0
0
Counting Frequency
fcountup
fcountdown
14
14
125
125
125
125
150
150
125
125
MHz
Rise Time
(20 to 80%)
t4+
t14+
4
14
0.9
0.9
3.3
3.3
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.5
3.5
ns
Fall Time
(20 to 80%)
t4–
t14–
4
14
0.9
0.9
3.3
3.3
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.5
3.5
1. Individually test each input; apply VILmin to pin under test.
2. Measure output after clock pulse
VIH
VIL
appears at clock input (Pin 13).
3. Before test set all Q outputs to a logic high.
4. To preserve reliable performance, the MC10136 (plastic packaged device only) is to be operated in ambient temperatures above 70
°C only
when 500lfpm blown air or equivalent heat sinking is provided.


유사한 부품 번호 - MC10136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10136 ONSEMI-MC10136 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136FN ONSEMI-MC10136FN Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136L ONSEMI-MC10136L Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136P ONSEMI-MC10136P Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
More results

유사한 설명 - MC10136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com